Electronic Components Datasheet Search
  English  ▼

X  

ESP32 Datasheet(PDF) 56 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32
Description  32-bit MCU & 2.4 GHz Wi-Fi & BT/BLE SoCs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32 Datasheet(HTML) 56 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32 Datasheet HTML 52Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 53Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 54Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 55Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 56Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 57Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 58Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 59Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 60Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 56 / 60 page
background image
Appendix A
Same input
Signal
Default value
signal from
Output enable
No.
Input signals
if unassigned
IO_MUX
core
Output signals
of output signals
227
-
-
-
sig_in_func227
1’d1
228
-
-
-
sig_in_func228
1’d1
A.3. Ethernet_MAC
Table 26: Ethernet_MAC
PIN Name
Function6
MII (int_osc)
MII (ext_osc)
RMII (int_osc)
RMII (ext_osc)
GPIO0
EMAC_TX_CLK
TX_CLK (I)
TX_CLK (I)
CLK_OUT(O)
EXT_OSC_CLK(I)
GPIO5
EMAC_RX_CLK
RX_CLK (I)
RX_CLK (I)
-
-
GPIO21
EMAC_TX_EN
TX_EN(O)
TX_EN(O)
TX_EN(O)
TX_EN(O)
GPIO19
EMAC_TXD0
TXD[0](O)
TXD[0](O)
TXD[0](O)
TXD[0](O)
GPIO22
EMAC_TXD1
TXD[1](O)
TXD[1](O)
TXD[1](O)
TXD[1](O)
MTMS
EMAC_TXD2
TXD[2](O)
TXD[2](O)
-
-
MTDI
EMAC_TXD3
TXD[3](O)
TXD[3](O)
-
-
MTCK
EMAC_RX_ER
RX_ER(I)
RX_ER(I)
-
-
GPIO27
EMAC_RX_DV
RX_DV(I)
RX_DV(I)
CRS_DV(I)
CRS_DV(I)
GPIO25
EMAC_RXD0
RXD[0](I)
RXD[0](I)
RXD[0](I)
RXD[0](I)
GPIO26
EMAC_RXD1
RXD[1](I)
RXD[1](I)
RXD[1](I)
RXD[1](I)
U0TXD
EMAC_RXD2
RXD[2](I)
RXD[2](I)
-
-
MTDO
EMAC_RXD3
RXD[3](I)
RXD[3](I)
-
-
GPIO16
EMAC_CLK_OUT
CLK_OUT(O)
-
CLK_OUT(O)
-
GPIO17
EMAC_CLK_OUT_180 CLK_OUT_180(O) -
CLK_OUT_180(O) -
GPIO4
EMAC_TX_ER
TX_ERR(O)*
TX_ERR(O)*
-
-
In GPIO Matrix*
-
MDC(O)
MDC(O)
MDC(O)
MDC(O)
In GPIO Matrix*
-
MDIO(IO)
MDIO(IO)
MDIO(IO)
MDIO(IO)
In GPIO Matrix*
-
CRS(I)
CRS(I)
-
-
In GPIO Matrix*
-
COL(I)
COL(I)
-
-
*Notes: 1. The GPIO Matrix can be any GPIO. 2. The TX_ERR (O) is optional.
A.4. IO_MUX
For the list of IO_MUX pins, please see the next page.
Espressif Systems
49
ESP32 Datasheet V3.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com