Electronic Components Datasheet Search
  English  ▼

X  

ESP8266EX Datasheet(PDF) 2 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP8266EX
Description  32-bit MCU & 2.4 GHz Wi-Fi SoCs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP8266EX Datasheet(HTML) 2 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

  ESP8266EX Datasheet HTML 1Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266EX Datasheet HTML 2Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266EX Datasheet HTML 3Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266EX Datasheet HTML 4Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266EX Datasheet HTML 5Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266EX Datasheet HTML 6Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266EX Datasheet HTML 7Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266EX Datasheet HTML 8Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266EX Datasheet HTML 9Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
About This Guide
This document introduces the specifications of ESP8266EX.
Release Notes
Date
Version
Release Notes
2015.12
V4.6
Updated Chapter 3.
2016.02
V4.7
Updated Section 3.6 and Section 4.1.
2016.04
V4.8
Updated Chapter 1.
2016.08
V4.9
Updated Chapter 1.
2016.11
V5.0
Added Appendix Ⅱ “Learning Resources”.
2016.11
V5.1
Changed the power consumption during Deep-sleep from 10 μA to 20 μA
in Table 5-2.
2016.11
V5.2
Changed the crystal frequency range from “26 MHz to 52 MHz” to “24
MHz to 52 MHz” in Section 3.3.
2016.12
V5.3
Changed the minimum working voltage from 3.0V to 2.5V.
2017.04
V5.4
Changed chip input and output impedance from 50Ω to 39+j6 Ω.
2017.10
V5.5
Updated Chapter 3 regarding the range of clock amplitude to 0.8 ~ 1.5V.
2017.11
V5.6
Updated VDDPST from 1.8V ~ 3.3V to 1.8V ~ 3.6V.
2017.11
V5.7
•
Corrected a typo in the description of SDIO_DATA_0 in Table 2-1;
•
Added the testing conditions for the data in Table 5-2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com