Electronic Components Datasheet Search
  English  ▼

X  

ESP8266EX Datasheet(PDF) 22 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP8266EX
Description  32-bit MCU & 2.4 GHz Wi-Fi SoCs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP8266EX Datasheet(HTML) 22 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP8266EX Datasheet HTML 18Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266EX Datasheet HTML 19Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266EX Datasheet HTML 20Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266EX Datasheet HTML 21Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266EX Datasheet HTML 22Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266EX Datasheet HTML 23Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266EX Datasheet HTML 24Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266EX Datasheet HTML 25Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266EX Datasheet HTML 26Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
$
4. Peripheral Interface
RF Initialization
Parameter
The value of the 107th byte of
esp_init_data_default.bin (0 ~ 127 bytes),
vdd33_const
must be set to the real power supply voltage of Pin3 and Pin4.
The unit and effective value range of vdd33_const is 0.1V and 18 to 36,
respectively, thus making the working power voltage range of ESP8266EX
between 1.8V and 3.6V,
RF Calibration Process
Optimize the RF circuit conditions based on the value of vdd33_const. The
permissible error is ±0.2V.
User Programming
Use system_adc_readinstead of system_get_vdd33.
���� Notes:
esp_init_data_default.bin is provided in SDK package which contains RF initialization parameters (0 ~
127 bytes). The name of the 107th byte in esp_init_data_default.bin is vdd33_const, which is defined as
below:
• When vdd33_const = 0xff, the power voltage of Pin3 and Pin4 will be tested by the internal self-
calibration process of ESP8266EX itself. RF circuit conditions should be optimized according to the
testing results.
•
When 18 =< vdd33_const =< 36, ESP8266EX RF Calibration and optimization process is implemented
via (vdd33_const/10).
•
When vdd33_const < 18 or 36 < vdd33_const < 255, vdd33_const is invalid. ESP8266EX RF
Calibration and optimization process is implemented via the default value 3.3V.
Espressif
$ /$
17 24
2018.11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com