Electronic Components Datasheet Search
  English  ▼

X  

ESP8266EX Datasheet(PDF) 17 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP8266EX
Description  32-bit MCU & 2.4 GHz Wi-Fi SoCs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP8266EX Datasheet(HTML) 17 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP8266EX Datasheet HTML 13Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266EX Datasheet HTML 14Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266EX Datasheet HTML 15Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266EX Datasheet HTML 16Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266EX Datasheet HTML 17Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266EX Datasheet HTML 18Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266EX Datasheet HTML 19Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266EX Datasheet HTML 20Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8266EX Datasheet HTML 21Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
$
4. Peripheral Interface
4.
Peripheral Interface
4.1. General Purpose Input/Output Interface (GPIO)
ESP8266EX has 17 GPIO pins which can be assigned to various functions by programming
the appropriate registers.
Each GPIO PAD can be configured with internal pull-up or pull-down (XPD_DCDC can only
be configured with internal pull-down, other GPIO PAD can only be configured with internal
pull-up), or set to high impedance. When configured as an input, the data are stored in
software registers; the input can also be set to edge-trigger or level trigger CPU interrupts.
In short, the IO pads are bi-directional, non-inverting and tristate, which includes input and
output buffer with tristate control inputs.
These pins, when working as GPIOs, can be multiplexed with other functions such as I2C,
I2S, UART, PWM, and IR Remote Control, etc.
For low power operations, the GPIOs can also be set to hold their state. For instance, when
the IOs are not driven by internal and external circuits, all outputs will hold their states
before the chip entered the low power modes.
The required drive strength is small— 5 μA or more is enough to pull apart the latch.
4.2. Secure Digital Input/Output Interface (SDIO)
ESP8266EX has one Slave SDIO, the definitions of which are described as Table 4-1, which
supports 25 MHz SDIO v1.1 and 50 MHz SDIO v2.0, and 1 bit/4 bit SD mode and SPI
mode.
Table 4-1. Pin Definitions of SDIOs
Pin Name
Pin Num
IO
Function Name
SDIO_CLK
21
IO6
SDIO_CLK
SDIO_DATA0
22
IO7
SDIO_DATA0
SDIO_DATA1
23
IO8
SDIO_DATA1
SDIO_DATA_2
18
IO9
SDIO_DATA_2
SDIO_DATA_3
19
IO10
SDIO_DATA_3
SDIO_CMD
20
IO11
SDIO_CMD
Espressif
$ /$
12 24
2018.11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com