Electronic Components Datasheet Search
  English  ▼

X  

DS2764BE/T Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS2764BE/T
Description  High-Precision Li Battery Monitor with 2-Wire Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2764BE/T Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS2764BE/T Datasheet HTML 1Page - Maxim Integrated Products DS2764BE/T Datasheet HTML 2Page - Maxim Integrated Products DS2764BE/T Datasheet HTML 3Page - Maxim Integrated Products DS2764BE/T Datasheet HTML 4Page - Maxim Integrated Products DS2764BE/T Datasheet HTML 5Page - Maxim Integrated Products DS2764BE/T Datasheet HTML 6Page - Maxim Integrated Products DS2764BE/T Datasheet HTML 7Page - Maxim Integrated Products DS2764BE/T Datasheet HTML 8Page - Maxim Integrated Products DS2764BE/T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1 of 20
011005
Note: Some revisions of this device may incorporate deviations from published specifications known as errata. Multiple revisions of any device
may be simultaneously available through various sales channels. For information about device errata, click here: www.maxim-ic.com/errata.
GENERAL DESCRIPTION
The DS2764 high-precision Li+ battery monitor is a
data-acquisition, information-storage, and safety-
protection device tailored for cost-sensitive battery
pack applications. This low-power device integrates
precise
temperature,
voltage,
and
current
measurement, nonvolatile (NV) data storage, and Li+
protection into the small footprint of either a TSSOP
package or flip-chip package. The DS2764 is a key
component
in applications requiring remaining
capacity estimation, safety monitoring, and battery-
specific data storage.
PIN CONFIGURATIONS
FEATURES
§
Li+ Safety Circuit
Overvoltage Protection
Overcurrent/Short-Circuit Protection
Undervoltage Protection
§
0V Battery Recovery Charge
§
Available in Two Configurations:
Internal 25m
W Sense Resistor
External User-Selectable Sense Resistor
§
Current Measurement
12-Bit Bidirectional Measurement
Internal Sense Resistor Configuration:
0.625mA LSB and ±1.9A Dynamic Range
External Sense Resistor Configuration:
15.625
mV LSB and ±64mV Dynamic Range
§
Current Accumulation:
Internal Sense Resistor: 0.25mAhr LSB
External Sense Resistor: 6.25
mVhr LSB
§
Voltage Measurement with 4.88mV Resolution
§
Temperature Measurement Using Integrated
Sensor with 0.125°C Resolution
§
40 Bytes of Lockable EEPROM
§
Option for Unique 64-bit ID
§
Industry 2-Wire Interface with Programmable
Slave Address
§
Low-Power Consumption:
Active Current: 60
mA typ, 90mA max
Sleep Current: 1
mA typ, 2mA max
APPLICATIONS
PDAs
Cell Phones/Smartphones
Digital Cameras
ORDERING INFORMATION
PART
TEMP RANGE
PIN-PACKAGE
DS2764BE
-20°C to +70°C
16 TSSOP
Selector Guide appears at end of data sheet, for additional
options.
DS2764
High-Precision Li+ Battery Monitor
with 2-Wire Interface
www.maxim-ic.com
TOP VIEW
CC
VIN
VDD
SCL
VSS
VSS
VSS
SDA
IS1
TSSOP
IS2
SNS
SNS
1
2
23
2
1
4
5
6
7
8
16
15
14
13
12
11
10
9
SNS
PS
PLS
DC
FLIP CHIP
(TOP VIEW
¾BUMPS ON BOTTOM)
PLS
DC
PS
CC
IS2
VIN
IS1
VDD
SCL
SDA
SNS
VSS
1
2
3
4
A
B
C
D
E
F
SNS
PROBE
VSS
PROBE


Similar Part No. - DS2764BE/T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2764BE+ MAXIM-DS2764BE+ Datasheet
191Kb / 20P
High-Precision Li Battery Monitor with 2-Wire Interface
2006
DS2764BE+025* MAXIM-DS2764BE+025* Datasheet
191Kb / 20P
High-Precision Li Battery Monitor with 2-Wire Interface
2006
DS2764BE+025/T&R* MAXIM-DS2764BE+025/T&R* Datasheet
191Kb / 20P
High-Precision Li Battery Monitor with 2-Wire Interface
2006
DS2764BE+T&R MAXIM-DS2764BE+T&R Datasheet
191Kb / 20P
High-Precision Li Battery Monitor with 2-Wire Interface
2006
More results

Similar Description - DS2764BE/T

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2760 DALLAS-DS2760 Datasheet
126Kb / 25P
High Precision Li-Ion Battery Monitor
DS2761 DALLAS-DS2761 Datasheet
286Kb / 24P
High-Precision Li Battery Monitor
logo
Maxim Integrated Produc...
DS2762 MAXIM-DS2762 Datasheet
262Kb / 25P
High-Precision Li Battery Monitor With Alerts
REV: 111703
logo
National Semiconductor ...
LM96080 NSC-LM96080 Datasheet
623Kb / 30P
System Hardware Monitor with 2-Wire Serial Interface
logo
Texas Instruments
INA220B-Q1 TI1-INA220B-Q1 Datasheet
1Mb / 39P
High- or Low-Side, Bidirectional Current Power Monitor with 2-Wire Interface
logo
Maxim Integrated Produc...
DS2760AE MAXIM-DS2760AE Datasheet
295Kb / 25P
High-Precision Li Battery Monitor
010906
logo
Texas Instruments
LM96080CIMT TI1-LM96080CIMT Datasheet
995Kb / 34P
LM96080 System Hardware Monitor with 2-Wire Serial Interface
logo
Maxim Integrated Produc...
DS2761 MAXIM-DS2761 Datasheet
316Kb / 24P
High-Precision Li Battery Monitor
010906
DS2760 MAXIM-DS2760 Datasheet
295Kb / 25P
High-Precision Li Battery Monitor
010906
DS2764 MAXIM-DS2764_V01 Datasheet
191Kb / 20P
High-Precision Li Battery Monitor with 2-Wire Interface
2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com