Electronic Components Datasheet Search
  English  ▼

X  

DS2764BE/T Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # DS2764BE/T
Description  High-Precision Li Battery Monitor with 2-Wire Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2764BE/T Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button DS2764BE/T Datasheet HTML 11Page - Maxim Integrated Products DS2764BE/T Datasheet HTML 12Page - Maxim Integrated Products DS2764BE/T Datasheet HTML 13Page - Maxim Integrated Products DS2764BE/T Datasheet HTML 14Page - Maxim Integrated Products DS2764BE/T Datasheet HTML 15Page - Maxim Integrated Products DS2764BE/T Datasheet HTML 16Page - Maxim Integrated Products DS2764BE/T Datasheet HTML 17Page - Maxim Integrated Products DS2764BE/T Datasheet HTML 18Page - Maxim Integrated Products DS2764BE/T Datasheet HTML 19Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
DS2764 High-Precision Li+ Battery Monitor With 2-Wire Interface
15 of 20
CC—CC Pin Mirror. This read-only bit mirrors the state of the CC output pin.
DC—DC Pin Mirror. This read-only bit mirrors the state of the DC output pin.
CE—Charge Enable. Writing a 0 to this bit disables charging (
CC output high, external charge FET off) regardless
of cell or pack conditions. Writing a 1 to this bit enables charging, subject to override by the presence of any
protection conditions. The DS2764 automatically sets this bit to 1 when it transitions from sleep mode to active
mode.
DE—Discharge Enable. Writing a 0 to this bit disables discharging (
DC output high, external discharge FET off)
regardless of cell or pack conditions. Writing a 1 to this bit enables discharging, subject to override by the presence
of any protection conditions. The DS2764 automatically sets this bit to 1 when it transitions from sleep mode to
active mode.
STATUS REGISTER
The read-only Status register shows the status of bits which enable or disable selected functions of the DS2764.
Functions are enabled or disabled by programming a default value for the corresponding bits in lockable EEPROM
address 31h. After writing the desired value to 31h, the Copy Data and Recall Data commands for EEPROM block
1 are required to transfer the default values into the status register bits and activate the selected functions. The
selected functions become the default mode of the DS2764 since a recall from block 1 occurs on power-up. The
format of the Status register is shown in Figure 12.
Figure 12. Status Register Format
ADDRESS 01
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
X
X
PMOD
X
X
X
X
X
X—Reserved Bits.
PMOD—Sleep Mode Enable. A value of 1 in this bit enables the DS2764 to enter sleep mode when the bus is low
for greater than 2s and to leave sleep mode when the SCL OR SDA line goes high. A value of 0 disables bus-
related transitions into and out of sleep mode. This bit is read-only. The desired default value should be set in bit 5
of address 31h. The factory default is 0.
EEPROM REGISTER
The format of the EEPROM register is shown in Figure 13. The function of each bit is described in detail in the
following paragraphs.
Figure 13. EEPROM Register Format
ADDRESS 07
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
EEC
LOCK
X
X
X
BL2
BL1
BL0
EEC—EEPROM Copy Flag. A 1 in this read-only bit indicates that a Copy Data or Lock function command is in
progress. While this bit is high, writes to EEPROM addresses are ignored and Copy Data and Lock function
commands cannot be issued. A 0 in this bit indicates that data may be written to unlocked EEPROM blocks.
LOCK—EEPROM Lock Enable. When this bit is 0, the Lock function command is ignored. Writing a 1 to this bit
enables the Lock function command. After the Lock function command is executed, the LOCK bit is reset to 0. The
factory default is 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com