Electronic Components Datasheet Search
  English  ▼

X  

DS2764BE/T Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # DS2764BE/T
Description  High-Precision Li Battery Monitor with 2-Wire Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2764BE/T Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button DS2764BE/T Datasheet HTML 10Page - Maxim Integrated Products DS2764BE/T Datasheet HTML 11Page - Maxim Integrated Products DS2764BE/T Datasheet HTML 12Page - Maxim Integrated Products DS2764BE/T Datasheet HTML 13Page - Maxim Integrated Products DS2764BE/T Datasheet HTML 14Page - Maxim Integrated Products DS2764BE/T Datasheet HTML 15Page - Maxim Integrated Products DS2764BE/T Datasheet HTML 16Page - Maxim Integrated Products DS2764BE/T Datasheet HTML 17Page - Maxim Integrated Products DS2764BE/T Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
DS2764 High-Precision Li+ Battery Monitor With 2-Wire Interface
14 of 20
Table 2. Memory Map
ADDRESS (HEX)
DESCRIPTION
READ/WRITE
00
Protection Register
R/W
01
Status Register
R
02–06
Reserved
07
EEPROM Register
R/W
08
Special Feature Register
R/W
09–0B
Reserved
0C
Voltage Register MSB
R
0D
Voltage Register LSB
R
0E
Current Register MSB
R
0F
Current Register LSB
R
10
Accumulated Current Register MSB
R/W
11
Accumulated Current Register LSB
R/W
12–17
Reserved
18
Temperature Register MSB
R
19
Temperature Register LSB
R
1A–1F
Reserved
20–2F
EEPROM, block 0
R/W*
30–3F
EEPROM, block 1
R/W*
40–47
EEPROM, block 2
R/W*
50–EF
Reserved
F0–F7
Unique ID
R
+
F8–FD
Reserved
FE
Function Command Register
W
FF
Reserved
* Each EEPROM block is read/write until locked by the LOCK command, after which it is read-only.
+ Unique 64 bit ID is a factory option available by special order. Units with IDs do not allow access to block 2 of user EEPROM
PROTECTION REGISTER
The protection register consists of flags that indicate protection circuit status and switches that give conditional
control over the charging and discharging paths. Bits OV, UV, COC, and DOC are set when corresponding
protection conditions occur and remain set until cleared by the host system. The default values of the CE and DE
bits of the protection register are stored in lockable EEPROM in the corresponding bits in address 30h. A recall
data command for EEPROM block 1 recalls the default values into CE and DE. Figure 11 shows the format of the
protection register. The function of each bit is described in detail in the following paragraphs.
Figure 11. Protection Register Format
ADDRESS 00
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
OV
UV
COC
DOC
CC
DC
CE
DE
OV—Overvoltage Flag. When set to 1, this bit indicates the battery pack has experienced an overvoltage condition.
This bit must be reset by the host system.
UV—Undervoltage Flag. When set to 1, this bit indicates the battery pack has experienced an undervoltage
condition. This bit must be reset by the host system.
COC—Charge Overcurrent Flag. When set to 1, this bit indicates the battery pack has experienced a charge-
direction overcurrent condition. This bit must be reset by the host system.
DOC—Discharge Overcurrent Flag. When set to 1, this bit indicates the battery pack has experienced a discharge-
direction overcurrent condition. This bit must be reset by the host system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com