Electronic Components Datasheet Search
  English  ▼

X  

475 Datasheet(PDF) 2 Page - MKS Instruments.

Part # 475
Description  Convectron Vacuum Gauge Controller
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

475 Datasheet(HTML) 2 Page - MKS Instruments.

  475 Datasheet HTML 1Page - MKS Instruments. 475 Datasheet HTML 2Page - MKS Instruments. 475 Datasheet HTML 3Page - MKS Instruments. 475 Datasheet HTML 4Page - MKS Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Convectron Gauge Technology
Convectron technology has become the industry-
standard with over 35 years of unmatched performance,
repeatability and reliability. To assure the highest level
of accuracy and gauge-to-gauge reproducibility, each
Convectron Gauge is burned-in for stability and individually
calibrated for unmatched accuracy. As the industry
standard, Convectron Gauges are in use today on
hundreds of thousands of vacuum processes throughout
the world, making Convectron technology the best choice
for your vacuum measurement applications.
Convectron Gauge
Convectron Gauge Cable
Description
• Wide Measurement range: Vacuum system
pressure can be monitored continuously from
1x10-4 Torr (1x10-4 mbar, 1x10-2 Pa) to atmosphere.
• High Measurement resolution: Designed to take full
advantage of Convectron Gauge technology with 1 Torr
(1 mbar, 0.1 Pa) resolution at atmosphere and 0.1 mTorr
(1x10-4 mbar, 1x10-2 Pa) resolution at low pressure.
• vacuum Fluorescent Display: The VFD is easier to
read from greater distances than other types of displays.
The display is configurable to use scientific notation or
two ranges (Torr and mTorr, mbar and 10-3 mbar, or kPa
and Pa) to provide a continuous measurement readout
from atmosphere to low pressure.
• Process Set Point option: Relay contacts allow control
of other vacuum equipment, such as valves, pumps,
heaters, alarms, and safety interlocking.
• Multiple Gas Curves: Selectable N
2, Ar, He, CO2 and
O
2 gas curves are pre-programmed, eliminating the
need for individual calibration when changing the
process gas.
• Push-Button Controls: Calibration and set point
settings are easy to adjust using intuitive front panel
controls. No special tools are required.
• easy-to-use analog Signals: Provides a one volt per
decade logarithmic signal (0-7V or 1-8V) or a selectable
non-linear signal (0-9V) that is backwards compatible
with older Convectron gauge controllers.
• Serial Communication Interface option: RS-232
interface allows easy integration with computer
controlled systems.
• Built-in Convectron Gauge Simulator: Simulates a
Convectron gauge, which allows system diagnostics
without the need of a vacuum system.
• Self Diagnostics: The A/D (Convectron gauge bridge
voltage) and analog outputs are continuously monitored
for erroneous readings.
• Compact 1/8 DIn Controller: Easy to install in space
restricted locations.
• rugged all-Metal Package: Provides a high level of
immunity to RF noise



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com