Electronic Components Datasheet Search
  English  ▼

X  

475 Datasheet(PDF) 4 Page - MKS Instruments.

Part # 475
Description  Convectron Vacuum Gauge Controller
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

475 Datasheet(HTML) 4 Page - MKS Instruments.

  475 Datasheet HTML 1Page - MKS Instruments. 475 Datasheet HTML 2Page - MKS Instruments. 475 Datasheet HTML 3Page - MKS Instruments. 475 Datasheet HTML 4Page - MKS Instruments.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Series 475 - 3/18
© 2014-2018 MKS Instruments, Inc.
All rights reserved.
MKS products provided subject to the US Export Regulations. Diversion or transfer contrary to US law is prohibited.
Specifications are subject to change without notice.
Granville-Phillips®, Convectron® and Micro-Ion® are registered trademarks, and mksinst™ is a trademark of MKS Instruments,
Inc. Kovar® is a registered trademark of Carpenter Technology Corporation. ConFlat® is a registered trademark of Varian
Associates. VCR® is a registered trademark of Swagelok Marketing Co.
Ordering Information
Dimensional Drawing —
Note: Unless otherwise specified, dimensions are
nominal values in millimeters (inches referenced).
Micro-Ion Modules:
1/8 DIN, panel mount with digital display
475001 - # # - #
Interface Options: (Slot X)
None
0
RS-232
A
RS-485
B
Set Point Option (Slot Y)
None
0
2 set points
2
Measurement Units*:
Torr
T
mBar
M
Pascal
P
* User configurable
Power Supplies:
Universal Power Supply
475008 - #
Power Cord Plug Type:
North America 115 VAC & Japan 100 VAC
1
North America 240 VAC
2
Universal Europe 220 VAC
3
United Kingdom 240 VAC
4
Convectron Gauge Cables
10 feet (3 meters)
475012-10
25 feet (7.6 meters)
475012-25
50 feet (15.2 meters)
475012-50
100 feet (30.5 meters)
475012-100
200 feet (61 meters)
475012-200
500 feet (152.4 meters)
475012-500
Convectron Gauges (gold-plated tungsten)*
1/8 NPT / 1/2 inch tubulation
275071
1/4 inch VCR
® type female fittings
275185
1/2 inch VCR
® type female fittings
275282
3/8 inch VCO
® type male fitting
275233
1.33 inch (NW16CF) rotatable Conflat type flange
275256
2.75 inch (NW35CF) rotatable Conflat type flange
275238
NW16KF flange (welded)
275203
NW25KF flange (welded)
275196
NW40KF flange (welded)
275316
* Platinum sensor gauges are available.
Model Number Matrix
95.5
(3.76)
48.0
(1.89)
44.9
(1.73)
90.2
(3.55)
159.4
(6.28)
156.4
(6.16)
NOTE: Allow 64 mm (2.5 in) clearance for
the connectors on the back of the controller.
1/8 DIN panel cutout for
mounting the controller
through the front of
the panel.
45.0
(1.77)
92.0
(3.62)
MKS Instruments, Inc.
Pressure & Vacuum Measurement Solutions
6450 Dry Creek Parkway
Longmont, CO 80503
Tel:
303.652.4400
MKS Instruments, Inc.
Global Headquarters
2 Tech Drive, Suite 201
Andover, MA 01810
Tel:
978.645.5500
Tel:
800.227.8766 (in USA)
Web: www.mksinst.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com