Electronic Components Datasheet Search
  English  ▼

X  

475 Datasheet(PDF) 3 Page - MKS Instruments.

Part # 475
Description  Convectron Vacuum Gauge Controller
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

475 Datasheet(HTML) 3 Page - MKS Instruments.

  475 Datasheet HTML 1Page - MKS Instruments. 475 Datasheet HTML 2Page - MKS Instruments. 475 Datasheet HTML 3Page - MKS Instruments. 475 Datasheet HTML 4Page - MKS Instruments.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications
Measurement range for air and n
2
See notes (1), (2)
Torr
1x10-4 to atmosphere
mbar
1x10-4 to atmosphere
Pa
1x10-2 to atmosphere
Step Size at Minimum Pressure
1x10-4 Torr, 1x10-4 mbar, 1x10-2 Pa
Display
Vacuum Fluorescent
Update Rate
Every 0.5 sec
Input Power
12 to 24 VDC, 6 W continuous
Weight
720 gm (25 oz)
operating temperature
0°C to 40°C ambient
non-operating temperature
-40°C to 70°C
Set Point relays (optional)
(2) single pole, double-throw (SPDT)
Contact Rating
5 A @ 250 VAC resistive load
Range
1x10-3 to 1000 Torr, 1x10-3 to 1333 mbar, 1x10-1 Pa to 133 kPa
Resolution
2 significant digits
Communication Interface (optional)
RS-232 or RS-485
Data Format
ASCII, 8 data bits, one stop-bit, no parity, no handshake
Baud Rate
1200, 2400, 4800, 9600, 19200, 38400 (19200 Default) (software selectable)
Address (RS-485 only)
0 to 63 (software selectable)
Convectron Gauge
Sensor Material
Gold-plated tungsten, platinum
Other Materials Exposed to Gas
304 stainless steel, borosilicate glass, Kovar, alumina, NiFe alloy, polyimide
Internal Volume
35 cm3 (2.14 in.3)
Weight
85 grams (3 ounces)
Gauge Operating Temperature
0°C to 50°C ambient
Gauge Bakeout Temperature
150°C maximum, non-operating, cable disconnected
Mounting Orientation
Horizontal preferred
Cable Bakeout Temperature
105°C maximum
Compliance
CE
notes:
1 Measurements will change with different gases and mixtures. Correction parameters for common gases are provided in the instruction manual.
2 Convectron Gauges are not intended for use with flammable or explosive gases.
Analog Output Signals —
Standard analog output is 0 to 7 Volts that is linear in voltage with the log of pressure. Two alternate analog outputs can be selected using
the front panel buttons: either 1 to 8 Volts that is linear in voltage with the log of pressure or 0 to 9 Volts that is non-linear with the log
of pressure and mimics the output of older vacuum gauge controllers.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com