Electronic Components Datasheet Search
  English  ▼

X  

AW9920STR Datasheet(PDF) 7 Page - Shanghai awinic technology co.,ltd

Part # AW9920STR
Description  Inductor-Boost White LED Driver with Ultra-low EMI and PWM to DC Dimming
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW9920STR Datasheet(HTML) 7 Page - Shanghai awinic technology co.,ltd

Back Button AW9920STR Datasheet HTML 3Page - Shanghai awinic technology co.,ltd AW9920STR Datasheet HTML 4Page - Shanghai awinic technology co.,ltd AW9920STR Datasheet HTML 5Page - Shanghai awinic technology co.,ltd AW9920STR Datasheet HTML 6Page - Shanghai awinic technology co.,ltd AW9920STR Datasheet HTML 7Page - Shanghai awinic technology co.,ltd AW9920STR Datasheet HTML 8Page - Shanghai awinic technology co.,ltd AW9920STR Datasheet HTML 9Page - Shanghai awinic technology co.,ltd AW9920STR Datasheet HTML 10Page - Shanghai awinic technology co.,ltd AW9920STR Datasheet HTML 11Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AW9920
September 2017 V1.0
www.awinic.com.cn
7
Copyright © 2017 SHANGHAI AWINIC TECHNOLOGY CO., LTD
19.2
Temperature (°C)
19.3
19.4
19.5
19.6
CURRENT
Vs.
TEMPERATURE
19.7
-40 -25 -10 5
20 35 50
65 80 95 110
1.04
1.06
3
3.5
4
4.5
5
5.5
Input Voltage (V)
1.08
1.10
1.12
1.14
FREQUENCY
Vs.
INPUT VOLTAGE
SOFT START FROM EN
STEADY STATE
200us/div
1us/div
SHDN FROM EN
PWM DIMMING FROM EN
1ms/div
50us/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com