Electronic Components Datasheet Search
  English  ▼

X  

AW9920STR Datasheet(PDF) 13 Page - Shanghai awinic technology co.,ltd

Part # AW9920STR
Description  Inductor-Boost White LED Driver with Ultra-low EMI and PWM to DC Dimming
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW9920STR Datasheet(HTML) 13 Page - Shanghai awinic technology co.,ltd

Back Button AW9920STR Datasheet HTML 8Page - Shanghai awinic technology co.,ltd AW9920STR Datasheet HTML 9Page - Shanghai awinic technology co.,ltd AW9920STR Datasheet HTML 10Page - Shanghai awinic technology co.,ltd AW9920STR Datasheet HTML 11Page - Shanghai awinic technology co.,ltd AW9920STR Datasheet HTML 12Page - Shanghai awinic technology co.,ltd AW9920STR Datasheet HTML 13Page - Shanghai awinic technology co.,ltd AW9920STR Datasheet HTML 14Page - Shanghai awinic technology co.,ltd AW9920STR Datasheet HTML 15Page - Shanghai awinic technology co.,ltd AW9920STR Datasheet HTML 16Page - Shanghai awinic technology co.,ltd  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AW9920
September 2017 V1.0
www.awinic.com.cn
13
Copyright © 2017 SHANGHAI AWINIC TECHNOLOGY CO., LTD
PACKAGE DESCRIPTION
SOT23-5L:
D
b
e
e1
0.2
c
(Unit:mm)
SOT23-5L
A
A1
A2
b
c
D
E
E1
e
e1
L
Symbol
Min
Max
1.050
1.250
0.000
0.100
1.050
1.150
0.300
0.500
0.100
0.200
2.820
3.020
1.500
1.700
2.650
2.950
0.950(BSC)
1.800
2.000
0.300
0.600
0°
8°
θ
θ
LAND PATTERN
SOT23-5L:
1.22 REF
1.4 MIN
2.62
REF
0.95 BSC
0.62 REF
3.85
MAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com