Electronic Components Datasheet Search
  English  ▼

X  

AW32809CSR Datasheet(PDF) 7 Page - Shanghai awinic technology co.,ltd

Part # AW32809CSR
Description  Over-Voltage Protection Load Switch with Surge Protection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW32809CSR Datasheet(HTML) 7 Page - Shanghai awinic technology co.,ltd

Back Button AW32809CSR Datasheet HTML 3Page - Shanghai awinic technology co.,ltd AW32809CSR Datasheet HTML 4Page - Shanghai awinic technology co.,ltd AW32809CSR Datasheet HTML 5Page - Shanghai awinic technology co.,ltd AW32809CSR Datasheet HTML 6Page - Shanghai awinic technology co.,ltd AW32809CSR Datasheet HTML 7Page - Shanghai awinic technology co.,ltd AW32809CSR Datasheet HTML 8Page - Shanghai awinic technology co.,ltd AW32809CSR Datasheet HTML 9Page - Shanghai awinic technology co.,ltd AW32809CSR Datasheet HTML 10Page - Shanghai awinic technology co.,ltd AW32809CSR Datasheet HTML 11Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AW32801/AW32805/
AW32809/AW32812
Feb. 2018 V1.1
www.awinic.com.cn
7
Copyright © 2014 SHANGHAI AWINIC TECHNOLOGY CO., LTD
ELECTRICAL CHARACTERISTICS
TA = -40°C to 85°C unless otherwise noted. Typical values are guaranteed for VIN = 5V, CIN = 0.1
μF, IIN≤ 4.5A
and TA = 25°C.
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
VIN_CLAMP
Input Clamp Voltage
IIN = 10mA
30.3
V
VIN
Input Voltage Range
2.5
28
V
Rdson
Switch On Resistance
VIN = 5V, IOUT = 1A, TA = 25°C
28
37
m
Ω
IQ
Input Quiescent Current
VIN = 5V, IOUT = 0A
65
100
μA
IIN_OVLO
Input
Current
at
Over-voltage Condition
VOVLO = 3V, VIN = 5V, VOUT =
0V
69
110
μA
VOVLO_TH
OVLO Set Threshold
2.5V < VIN < 20V
1.16
1.20
1.24
V
VOVLO_RNG
OVP Threshold Adjustable
Range
2.5V < VIN < 20V
4
20
V
VOVLO_SEL
External
OVLO
Select
Threshold
VIN Rising
0.3
0.42
0.50
V
Hysteresis
0.1
IOVLO
OVLO Pin Leakage Current
VOVLO = VOVLO_TH
-0.1
0.1
μA
COUT
Output Load Capacitance
100
μF
Protection
VIN_OVLO
Default OVP Trip Level
AW32805
VIN Rising
6.66
6.80
6.94
V
VIN Falling
6.51
6.65
AW32809
VIN Rising
9.78
9.98
10.18
VIN Falling
9.57
9.77
AW32812
VIN Rising
13.7
14.0
14.3
VIN Falling
13.4
13.7
AW32801
VIN Rising
5.83
5.95
6.07
VIN Falling
5.73
5.85
VIN_UVLO
UVLO Trip Level
VIN Rising
2.25
2.40
V
VIN Falling
2.10
2.20
TSDN
Shutdown Temperature
130
°C
TSDN_HYS
Shutdown
Temperature
Hysteresis
20
°C
Digital Logical Interface
VOL
ACOK Output Low Voltage
ISINK = 1mA
0.4
V
I
LEAK_ACOK
ACOK Leakage Current
VIO = 5V,
ACOK De-asserted
-0.5
0.5
μA
VIH
EN Input High Voltage
1.2
V
VIL
EN Input Low Voltage
0.5
V
I
LEAK_EN
EN Leakage Current
V
EN = 5V
-1
10
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com