Electronic Components Datasheet Search
  English  ▼

X  

AW32809CSR Datasheet(PDF) 11 Page - Shanghai awinic technology co.,ltd

Part # AW32809CSR
Description  Over-Voltage Protection Load Switch with Surge Protection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW32809CSR Datasheet(HTML) 11 Page - Shanghai awinic technology co.,ltd

Back Button AW32809CSR Datasheet HTML 7Page - Shanghai awinic technology co.,ltd AW32809CSR Datasheet HTML 8Page - Shanghai awinic technology co.,ltd AW32809CSR Datasheet HTML 9Page - Shanghai awinic technology co.,ltd AW32809CSR Datasheet HTML 10Page - Shanghai awinic technology co.,ltd AW32809CSR Datasheet HTML 11Page - Shanghai awinic technology co.,ltd AW32809CSR Datasheet HTML 12Page - Shanghai awinic technology co.,ltd AW32809CSR Datasheet HTML 13Page - Shanghai awinic technology co.,ltd AW32809CSR Datasheet HTML 14Page - Shanghai awinic technology co.,ltd AW32809CSR Datasheet HTML 15Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AW32801/AW32805/
AW32809/AW32812
Feb. 2018 V1.1
www.awinic.com.cn
11
Copyright © 2014 SHANGHAI AWINIC TECHNOLOGY CO., LTD
TYPICAL CHARACTERISTICS (CONTINUED)
VIN = 5V,
V
EN = 0V, VOVLO = 0V, CIN = 0.1μF, COUT = 1μF, and TA = 25℃ unless otherwise specified.
VIN
5V / div
VOUT
5V / div
ACOK
IOUT
100mA / div
2V / div
5ms / div
Figure 15. Power-up (COUT = 1
μF, 100mA load)
VIN
5V / div
VOUT
5V / div
ACOK
IOUT
500mA / div
2V / div
5ms / div
Figure 16. Power-up (COUT = 100
μF, 100mA load)
20µs / div
20V / div
Figure 17. 108V Surge Without Device
10µs / div
VOUT
10V / div
VIN
10V / div
IIN
20A / div
Figure 18. 108V Surge With Device (AW32805)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com