Electronic Components Datasheet Search
  English  ▼

X  

AW32809CSR Datasheet(PDF) 9 Page - Shanghai awinic technology co.,ltd

Part # AW32809CSR
Description  Over-Voltage Protection Load Switch with Surge Protection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW32809CSR Datasheet(HTML) 9 Page - Shanghai awinic technology co.,ltd

Back Button AW32809CSR Datasheet HTML 5Page - Shanghai awinic technology co.,ltd AW32809CSR Datasheet HTML 6Page - Shanghai awinic technology co.,ltd AW32809CSR Datasheet HTML 7Page - Shanghai awinic technology co.,ltd AW32809CSR Datasheet HTML 8Page - Shanghai awinic technology co.,ltd AW32809CSR Datasheet HTML 9Page - Shanghai awinic technology co.,ltd AW32809CSR Datasheet HTML 10Page - Shanghai awinic technology co.,ltd AW32809CSR Datasheet HTML 11Page - Shanghai awinic technology co.,ltd AW32809CSR Datasheet HTML 12Page - Shanghai awinic technology co.,ltd AW32809CSR Datasheet HTML 13Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AW32801/AW32805/
AW32809/AW32812
Feb. 2018 V1.1
www.awinic.com.cn
9
Copyright © 2014 SHANGHAI AWINIC TECHNOLOGY CO., LTD
TYPICAL CHARACTERISTICS
Table 1
TABLE OF FIGURES
INDEX
FIG No.
Normalized Rdson vs. Output Current
FIGURE 7
Normalized Rdson vs. Temp. (IOUT = 1A)
FIGURE 8
Normalized Rdson vs. Input Voltage (IOUT = 1A)
FIGURE 9
Input Supply Current vs. Supply Voltage
FIGURE 10
Normalized Internal OVP Threshold vs. Temp.
FIGURE 11
Normalized External OVLO Set OVP Threshold vs. Temp.
FIGURE 12
Normalized Debounce Time vs. Temp.
FIGURE 13
Over-Voltage Response (AW32805)
FIGURE 14
Power-up (COUT
= 1μF, 100mA load)
FIGURE 15
Power-up (COUT
= 100μF, 100mA load)
FIGURE 16
108V Surge Without Device
FIGURE 17
108V Surge With Device (AW32805)
FIGURE 18
VIN = 5V,
V
EN = 0V, VOVLO = 0V, CIN = 0.1μF, COUT = 1μF, and TA = 25℃ unless otherwise specified.
Figure 7. Normalized Rdson vs. Output Current
Figure 8. Normalized Rdson vs. Temp. (IOUT = 1A)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5
Output Current (A)
0.0
0.5
1.0
1.5
2.0
-40
-15
10
35
60
85
Temperature (
°C)
Normalized to TA = 25°
C
Normalized to IOUT = 1A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com