Electronic Components Datasheet Search
  English  ▼

X  

BTM521 Datasheet(PDF) 14 Page - BUDDIES TECHNOLOGY LIMITED.

Part # BTM521
Description  Bluetooth Module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BUDDIES [BUDDIES TECHNOLOGY LIMITED.]
Direct Link  http://www.buddies-tech.com/
Logo BUDDIES - BUDDIES TECHNOLOGY LIMITED.

BTM521 Datasheet(HTML) 14 Page - BUDDIES TECHNOLOGY LIMITED.

Back Button BTM521 Datasheet HTML 10Page - BUDDIES TECHNOLOGY LIMITED. BTM521 Datasheet HTML 11Page - BUDDIES TECHNOLOGY LIMITED. BTM521 Datasheet HTML 12Page - BUDDIES TECHNOLOGY LIMITED. BTM521 Datasheet HTML 13Page - BUDDIES TECHNOLOGY LIMITED. BTM521 Datasheet HTML 14Page - BUDDIES TECHNOLOGY LIMITED. BTM521 Datasheet HTML 15Page - BUDDIES TECHNOLOGY LIMITED. BTM521 Datasheet HTML 16Page - BUDDIES TECHNOLOGY LIMITED. BTM521 Datasheet HTML 17Page - BUDDIES TECHNOLOGY LIMITED. BTM521 Datasheet HTML 18Page - BUDDIES TECHNOLOGY LIMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
http://www.buddies-tech.com
BTM521 DATASHEET
14
5.2.2
ADC Sample Rate Selection and Warping
ADC supports the following sample rates: 8kHz, 11.025kHz, 16kHz, 22.05kHz, 24kHz,
32kHz,44.1kHz,48kHz.
One of the main concerns for stereo wireless music applications is the ability to keep
sample rates for the CODECs at both ends of the wireless link in synchronization. A VM
function adjusts the sample rate using a ‘warping’ function to tune the sample rate to the
required value. The ADC warp function allows the sample rate to be changed by
+/-3%, in steps of 1/2
17, or 7.6ppm. The warp function preserves the signal
quality – the distortion introduced when warping the sample rate is negligible.
5.2.3
ADC Gain
The ADC contains two gain stages for each channel, an analogue and a digital gain stage.
5.2.4
DAC
The DAC contains two second order Sigma Delta converters allowing two separate
channels that are identical in functionality as show in Figure 6.
5.2.5
DAC Sample Rate Selection and Warping
Each DAC supports the following sample rates: 8kHz, 11.025kHz, 16kHz, 22.05kHz,
24kHz, 32kHz,44.1kHz, 48kHz,96kHz.
One of the main concerns for the DAC used in stereo wireless music applications is the
ability to keep
sample
rates
for
the
CODECs
at
both
ends
of
the
wireless link in synchronization. A VM function adjusts the sample rate using a
‘warping’ function to tune the sample rate to the required value. The ADC warp
function allows the sample rate to be changed by +/-3%, in steps of 1/2
17, or 7.6ppm.
The warp function preserves the signal quality – the distortion introduced when warping
the sample rate is negligible.
5.2.6
DAC Gain
The DAC contains two gain stages for each channel, a digital and an analogue gain stage.
5.2.7
Mono Operation
Mono operation is single channel operation of the stereo CODEC. The left channel
represents the single
mono channel
for
audio in
and
audio
out.
In
mono
operation the right channel is auxiliary mono channel that may be used in dual
mono channel operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com