Electronic Components Datasheet Search
  English  ▼

X  

BTM521 Datasheet(PDF) 18 Page - BUDDIES TECHNOLOGY LIMITED.

Part # BTM521
Description  Bluetooth Module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BUDDIES [BUDDIES TECHNOLOGY LIMITED.]
Direct Link  http://www.buddies-tech.com/
Logo BUDDIES - BUDDIES TECHNOLOGY LIMITED.

BTM521 Datasheet(HTML) 18 Page - BUDDIES TECHNOLOGY LIMITED.

Back Button BTM521 Datasheet HTML 13Page - BUDDIES TECHNOLOGY LIMITED. BTM521 Datasheet HTML 14Page - BUDDIES TECHNOLOGY LIMITED. BTM521 Datasheet HTML 15Page - BUDDIES TECHNOLOGY LIMITED. BTM521 Datasheet HTML 16Page - BUDDIES TECHNOLOGY LIMITED. BTM521 Datasheet HTML 17Page - BUDDIES TECHNOLOGY LIMITED. BTM521 Datasheet HTML 18Page - BUDDIES TECHNOLOGY LIMITED. BTM521 Datasheet HTML 19Page - BUDDIES TECHNOLOGY LIMITED. BTM521 Datasheet HTML 20Page - BUDDIES TECHNOLOGY LIMITED. BTM521 Datasheet HTML 21Page - BUDDIES TECHNOLOGY LIMITED.  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
http://www.buddies-tech.com
BTM521 DATASHEET
18
CI Input Capacitance
1.
0
-
5.0
pF
Resistive Strength
Rpuw weak pull-up strength at +3V3-0.2V
500k
-
2M
Rpdw weak pull-up strength at 0.2V
500k
-
2M
Rpus strong pull-up strength at +3V3-0.2V
10k
-
50k
Rpds strong pull-up strength at 0.2V
10k
-
50k
6.3.2
Internal CODEC - Analogue to Digital Converter
Parameter
Min
Typical
Max
Unit
Resolution
-
-
16
Bits
Input Sample Rate
8
-
44.1
kHz
Signal / Noise, fin=1kHz, BW=20Hz->20kHz A-
Weighted THD+N<1% 150mV Vpk-pk
Fsample = 8kHz
-
82
-
dB
Fsample = 11.025kHz
-
81
-
dB
Fsample = 16kHz
-
80
-
dB
Fsample = 22.05kHz
-
79
-
dB
Fsample = 32kHz
-
79
-
dB
Fsample = 44.1kHz
-
78
-
dB
Digital Gain
-24
-
21.5
dB
6.3.3
Internal CODEC - Digital to Analogue Converter
Parameter
Min
Typical
Max
Unit
Resolution
-
-
16
Bits
Output Sample Rate, Fsample
8
-
48
kHz
Signal / Noise, fin=1kHz, BW=20Hz-
>20kHz A-Weighted THD+N<0.01%
0dBFS signal Load-100k
Fsample = 8kHz
-
95
-
dB
Fsample = 11.025kHz
-
95
-
dB
Fsample = 16kHz
-
95
-
dB
Fsample = 22.05kHz
-
95
-
dB
Fsample = 32kHz
-
95
-
dB
Fsample = 44kHz
-
95
-
dB
Fsample = 48kHz
-
95
-
dB
Fsample = 96kHz
95
dB
Digital Gain
-24
-
21.5
dB
Gain Resolution
1/32
dB
Table 3
Table 4
Table 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com