Electronic Components Datasheet Search
  English  ▼

X  

BTM521 Datasheet(PDF) 19 Page - BUDDIES TECHNOLOGY LIMITED.

Part # BTM521
Description  Bluetooth Module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BUDDIES [BUDDIES TECHNOLOGY LIMITED.]
Direct Link  http://www.buddies-tech.com/
Logo BUDDIES - BUDDIES TECHNOLOGY LIMITED.

BTM521 Datasheet(HTML) 19 Page - BUDDIES TECHNOLOGY LIMITED.

Back Button BTM521 Datasheet HTML 13Page - BUDDIES TECHNOLOGY LIMITED. BTM521 Datasheet HTML 14Page - BUDDIES TECHNOLOGY LIMITED. BTM521 Datasheet HTML 15Page - BUDDIES TECHNOLOGY LIMITED. BTM521 Datasheet HTML 16Page - BUDDIES TECHNOLOGY LIMITED. BTM521 Datasheet HTML 17Page - BUDDIES TECHNOLOGY LIMITED. BTM521 Datasheet HTML 18Page - BUDDIES TECHNOLOGY LIMITED. BTM521 Datasheet HTML 19Page - BUDDIES TECHNOLOGY LIMITED. BTM521 Datasheet HTML 20Page - BUDDIES TECHNOLOGY LIMITED. BTM521 Datasheet HTML 21Page - BUDDIES TECHNOLOGY LIMITED.  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
http://www.buddies-tech.com
BTM521 DATASHEET
19
6.3.4
Microphone Input
Microphone Input
Min
Typical
Max
Unit
Input full scale at maximum gain
-
4
-
mV rms
Input full scale at minimum gian(differential)
800
-
mV rms
Gain
-3
-
42
dB
Gain resolution
-
3
-
dB
Distortion at 1kHz
-
-
-74
dB
3dB Bandwidth
-
20
kHz
Input impedance
-
6
k
THD+N(microphone input)@30mV rms input
-
0.04
-
%
6.3.5
Speaker Output
Speaker Driver
Min
Typical
Max
Unit
Output voltage full scale swing (differential)
-
750
-
mV rms
THD+N 100k
load
-
-
0.01%
%
THD+N 16
load
-
-
0.1%
%
SNR(Load=16 ,
0dBFS
input
relative
to
digital silence)
-
95
-
dB
6.4
Power consumptions
Operating Condition
Min
Typical
Max
Unit
Connected Idle (Sniff 1.28 secs)
0.19
mA
Connected with audio streaming
30
35
40
mA
Deep Sleep Idle mode
60
uA
Table 6
Table 7
Table 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com