Electronic Components Datasheet Search
  English  ▼

X  

CIRRUS3 Datasheet(PDF) 2 Page - MKS Instruments.

Part # CIRRUS3
Description  POWERFUL AND VERSATILE ATMOSPHERIC GAS ANALYSIS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

CIRRUS3 Datasheet(HTML) 2 Page - MKS Instruments.

  CIRRUS3 Datasheet HTML 1Page - MKS Instruments. CIRRUS3 Datasheet HTML 2Page - MKS Instruments. CIRRUS3 Datasheet HTML 3Page - MKS Instruments. CIRRUS3 Datasheet HTML 4Page - MKS Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Applications
• Monitoringtracecontaminantsinprocessgases
• GaspurityandmanufacturingQC
• Catalyststudies–Chemisorption
• Thermalanalysis–TGA,DTA,DSC
• Fuelcellmonitoringanddevelopment
• Fermentationandexhaustmonitoring
• Heattreatment/furnacemonitoring
• Membranestudies
• Gloveboxgasmonitoring
• Lampmanufacturing
• Freondetectionandidentification
Introduction
Cirrus systems are based on Quadrupole Mass
Spectrometry, widely acknowledged as a preferred platform
technology for many atmospheric pressure gas analysis
applications. The Cirrus 3 system, with its improved
temperature control and compact design, provides high
levels of performance and robustness in space-efficient
and flexible configurations that are ideal for a wide range
of analytical applications.
Precision engineered to provide fast and reproducible data,
Cirrus 3 can accurately detect and quantify gases and
gas mixtures, from one or more sampling locations with a
single instrument. Gas composition can be monitored over
a wide dynamic range, from percentage levels down to the
sub ppm range.
Cirrus 3 is an ideal choice for atmospheric gas analysis
whether you work in a research setting or a manufacturing
environment. By combining Process Eye Professional
software with MKS technical support, Cirrus can be
integrated, optimized, and automated to your precise
specifications. Ultimately, users across your organization
realize greater benefits of the power of quadrupole mass
spectrometry.
Quadrupole Analyzer
At the heart of every Cirrus 3 system is a precision-built
quadrupole analyzer incorporating a closed ion source,
a triple mass filter, and a dual (Faraday and Secondary
Electron Multiplier) detector system. This analyzer
configuration is selected to optimize sensitivity and long-
term performance stability.
Heating and Vacuum System
The Cirrus 3 features a number of advancements in design
that aid stability and reproducibility of results. The vacuum
chamber (with quadrupole analyzer) and inlet interface
assembly is housed within a precision engineered stainless
steel oven, providing low heat sink characteristics. This
offers high temperature uniformity and eliminates potential
cold spots that could otherwise cause undesirable sample
condensation and variance in analyses. The oven design
enables user-defined temperature control of the oven and
capillary, allowing for finer analytical control.
The quadrupole analyzer itself is contained within a
stainless steel vacuum chamber which is pumped by
a high compression turbo molecular/diaphragm pump
combination. The vacuum system is backed by an internal
4-stage diaphragm pump to maintain the integrity of the
compact design. The entire Cirrus 3 vacuum chamber can
also be baked to reduce residual gas background species
and to minimize any memory effects.
Gas Inlet
An essential feature of any gas analyzer is the ability to
not contaminate or alter the gas sample in any way. The
Cirrus 3 inlet assembly incorporates either fused silica or
stainless steel capillaries that can be heated to a stable
user-defined temperature. The inlet assembly allows
for easy replacement of capillaries, while the optimized
insulation maximizes stability and reduces heat radiation.
The low volume and surface area of the assembly serves
to maximize response speed while minimizing memory
effects. Cirrus 3 systems can also be configured with
inlets for multi-stream sampling, stainless steel capillaries
for resistance to fluorine-based compounds, and a
pressure controller inlet (incorporating a gas independent
capacitance manometer) to allow sampling from sources
that vary from the nominal 1 bar inlet requirement. The
Cirrus 3 vacuum system utilizes a high compression
turbo molecular pump, so light gases such as hydrogen
and helium can be sampled with no additional expensive
pumping requirements.
Maintenance and Access
The Cirrus 3 internal oven has a removable cover allowing
easy access to the inlet interface, vacuum chamber,
and analyzer ion source. This is particularly helpful for
routine maintenance, such as filament and capillary
replacement. A hot cathode (ion) gauge is incorporated
for independent vacuum pressure measurement and
to provide an interlock signal for protection of the mass
spectrometer. A temperature sensor also ensures that the
electron multiplier detector cannot be switched on at high
temperatures, preserving its life. The Cirrus 3 is designed
with a lubricant-free pumping system. No elastomer seals
are used in the sample inlet system or in the high vacuum
region of the system.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com