Electronic Components Datasheet Search
  English  ▼

X  

TDA2003 Datasheet(PDF) 3 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # TDA2003
Description  10W CAR RADIO AUDIO AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

TDA2003 Datasheet(HTML) 3 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  TDA2003 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. TDA2003 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. TDA2003 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. TDA2003 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. TDA2003 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. TDA2003 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. TDA2003 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. TDA2003 Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. TDA2003 Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TDA2003
10W CAR RADIO AUDIO AMPLIFIER
www.artschip.com
3
ELECTRICAL CHARACTERISTICS (Vs=14.V, Tamb=25℃ unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
DC CHARACTERISTICS (Refer to DC test circuit)
Vs
Supply voltage
8
18
V
Vo
Quiescent output voltage (pin 4)
6.1
6.9
7.7
V
Id
Quiescent drain current (pin 5)
4.4
50
mA
AC CHARACTERISTICS (Refer to AC test circuit, Gv=40dB)
Po
Output power
d=10%
f=1kHz
RL=4Ω
RL=2Ω
RL=3.2Ω
RL=1.6Ω
5.5
9
6
10
7.5
12
W
W
W
W
Vi(rms)
Input saturation voltage
300
mV
Vi
Input sensitivity
f=1kHz
Po=0.5W
RL=4Ω
Po=6W
RL=4Ω
Po=0.5W
RL=2Ω
Po=10W
RL=2Ω
14
55
10
50
mV
mV
mV
mV
ELECTRICAL CHARACTERISTICS (continued)
Symbl
Parameter
Test conditions
Min.
Typ.
Max.
Unit
B
Frequency response (-3dB)
Po=1W
RL=4Ω
40 to 15,000
Hz
d
Distortion
f=1kHz
Po=0.05 to 4.5W RL=4Ω
Po=0.05 to 7.5W RL=2Ω
0.15
0.15
%
%
Ri
Input resistance (pin 1)
f=1kHz
70
150
kΩ
Gv
Voltage gain (open loop)
f=1kHz
f=10kHz
80
60
dB
dB
Gv
Voltage gain (closed loop)
f=1kHz
RL=4Ω
39.3
40
40.3
dB
eN
Input noise voltage
(0)
1
5
µV
iN
Input noise current
(0)
60
200
pA
η
Efficiency
f=1Hz
Po=6W
RL=4Ω
Po=10W
RL=2Ω
69
65
%
%
SVR
Supply voltage rejection
F=100Hz
Vripple =0.5V
Rg=10kΩ
RL=4Ω
30
36
dB
(0) Filter with noise bandwidth:22 Hz to 22 KHz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com