Electronic Components Datasheet Search
  English  ▼

X  

TDA2003 Datasheet(PDF) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # TDA2003
Description  10W CAR RADIO AUDIO AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

TDA2003 Datasheet(HTML) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  TDA2003 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. TDA2003 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. TDA2003 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. TDA2003 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. TDA2003 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. TDA2003 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. TDA2003 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. TDA2003 Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. TDA2003 Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TDA2003
10W CAR RADIO AUDIO AMPLIFIER
www.artschip.com
1
The TDA 2003 has improved performance with the same pin
configuration as the TDA2002.
The additional features of TDA 2002, very low number of
external components, ease of assembly, space and cost saving,
are maintained.
The device provides a high output current capability (up to 3.5A)
very low harmonic and cross-over distortion.
Completely
safe
operation
is
guaranteed
due
to
protectionagainst DC and AC short cicuit between all pins and
ground, thermal over-range, load dump voltage surge up to 40V
and fortuitous open ground.
PENTAWATT
ORDERING NUMBERS: TDA 2003H
TDA 2003V
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
Vs
Peak supply voltage (50ms)
40
V
Vs
DC supply voltage
28
V
Vs
Operating supply voltage
18
V
Io
Output peak current (repetitive)
3.5
A
Io
Output peak current (non repetitive)
4.5
A
Ptot
Power dissipation at Tcase =90℃
20
W
Tstg, Tj
Storage and junction temeperature
-40 to 150
TEST CIRCUIT


Similar Part No. - TDA2003

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA2003 STMICROELECTRONICS-TDA2003 Datasheet
152Kb / 10P
10W CAR RADIO AUDIO AMPLIFIER
Oct-1998
logo
Wuxi Youda electronics ...
TDA2003 YOUDA-TDA2003 Datasheet
158Kb / 3P
10W AUDIO AMPLIFIER
logo
Unisonic Technologies
TDA2003 UTC-TDA2003 Datasheet
316Kb / 10P
10W CAR RADIO AUDIO AMPLIFIER
logo
STMicroelectronics
TDA2003 STMICROELECTRONICS-TDA2003 Datasheet
301Kb / 10P
10W CAR RADIO AUDIO AMPLIFIER
Sep-2013
logo
Tiger Electronic Co.,Lt...
TDA2003 TGS-TDA2003 Datasheet
338Kb / 8P
10W CAR RADIO AUDIO AMPLIFIER
More results

Similar Description - TDA2003

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA2003 STMICROELECTRONICS-TDA2003 Datasheet
152Kb / 10P
10W CAR RADIO AUDIO AMPLIFIER
Oct-1998
TDA2004A STMICROELECTRONICS-TDA2004A Datasheet
164Kb / 10P
10 10W STEREO AMPLIFIER FOR CAR RADIO
Mar-1995
logo
Unisonic Technologies
UTCTDA2003 UTC-UTCTDA2003 Datasheet
72Kb / 8P
10W CAR RADIO AUDIO AMPLIFIER
logo
NTE Electronics
NTE1288 NTE-NTE1288 Datasheet
75Kb / 2P
Integrated Circuit Audio Power Amplifier, 10W for Car Radio
logo
Unisonic Technologies
TDA2003 UTC-TDA2003_11 Datasheet
316Kb / 10P
10W CAR RADIO AUDIO AMPLIFIER
TDA2004 UTC-TDA2004 Datasheet
89Kb / 8P
1010W STEREO AMPLIFIER FOR CAR RADIO
logo
STMicroelectronics
E-TDA2003V STMICROELECTRONICS-E-TDA2003V Datasheet
301Kb / 10P
10W CAR RADIO AUDIO AMPLIFIER
Sep-2013
logo
Tiger Electronic Co.,Lt...
TDA2003AV TGS-TDA2003AV Datasheet
338Kb / 8P
10W CAR RADIO AUDIO AMPLIFIER
logo
Unisonic Technologies
TDA2003 UTC-TDA2003_15 Datasheet
320Kb / 10P
10W CAR RADIO AUDIO AMPLIFIER
logo
Hangzhou Youwang Electr...
UTC2003 YOUWANG-UTC2003 Datasheet
142Kb / 8P
CAR RADIO AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com