Electronic Components Datasheet Search
  English  ▼

X  

TDA2003 Datasheet(PDF) 7 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # TDA2003
Description  10W CAR RADIO AUDIO AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

TDA2003 Datasheet(HTML) 7 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  TDA2003 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. TDA2003 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. TDA2003 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. TDA2003 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. TDA2003 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. TDA2003 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. TDA2003 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. TDA2003 Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. TDA2003 Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TDA2003
10W CAR RADIO AUDIO AMPLIFIER
www.artschip.com
7
Figure 20. Output power and drain current vs. case temperature (RL=4Ω)
Figure 21. Output power and drain current vs. case temperature (RL=2Ω)
PRATICAL CONSIDERATION
Printed circuit board
The layout shown in fig. 17 is recommended. If different layouts
are used, the ground points of input 1 and input 2 must be well
decoupled from the ground of the output through which a rather
high current flows.
Assembly suggestion
No electrical insulation is required between the package and the
heat-sink. Pin length should be as short as possible. The
soldering temperature must not exceed 260℃ for 12 seconds.
Application suggestions
The recommended component values are those shown in the
application circuits of fig. 16.
Different values can be used. The following table is intended to
aid the car-radio designer.
Component
Recommended
value
Purpose
Large than
Recommended value
Smaller than
Recommended value C1
C1
2.2µF
Input DC
decoupling
Noise at switch-on, switch-off
C2
470µF
Ripple rejection
Degradation of SVR
C3
0.1µF
Supply bypassing
Danger of oscillation
C4
1000µF
Output coupling to load
Higher low frequency cutoff
C5
0.1µF
Frequency stability
Danger of oscillation at high
frequencies with inductive
loads
CX
Upper frequency cutoff
Lower bandwidth
Larger bandwidth
R1
(Gv-1)·R2
Setting of gain
Increase of drain current
R2
2.2Ω
Setting of gain and SVR
Degradation of SVR
R3
1Ω
Frequency stability
Danger of oscillation at
high frequencies with
inductive loads
RX
≈20R2
Upper frequency cutoff
Poor high frequency
attenuation
Danger of oscillation



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com