Electronic Components Datasheet Search
  English  ▼

X  

ULN2003 Datasheet(PDF) 4 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # ULN2003
Description  7CH DARLINGTON SINK DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

ULN2003 Datasheet(HTML) 4 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  ULN2003 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. ULN2003 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. ULN2003 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. ULN2003 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. ULN2003 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. ULN2003 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. ULN2003 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. ULN2003 Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. ULN2003 Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ULN2003, 04A/AD
www.artschip.com
4
ELECTRICAL CHARACTERISTICS (Ta =25℃ unless otherwise noted)
CHARACTERISTIC
SYMBOL
TEST
CIR-
CUIT
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
VCE = 50V, Ta = 25℃
-
-
50
Output Leakage Current
ICEX
1
VCE = 50V, Ta = 85℃
-
-
100
μA
IOUT = 350mA, IIN = 500μA
-
1.3
1.6
IOUT = 200mA, IIN = 350μA
-
1.1
1.3
Collector-Emitter Saturation
Voltage
VCE(sat)
2
IOUT = 100mA, IIN = 250μA
-
0.9
1.1
V
DC Current Transfer Ratio
hFE
2
VCE = 2V, IOUT = 350mA
1000
-
-
ULN2003A
VIN = 2.4V, IOUT = 350mA
-
0.4
0.7
Input Current
(Output On)
ULN2004A
IIN(ON)
3
VIN = 9.5V, IOUT = 350mA
-
0.8
1.2
mA
Input Current (Output Off)
IIN(OFF)
4
IOUT = 500μA, Ta =85℃
50
65
-
μA
IOUT = 350mA
-
-
3.2
ULN2003A
IOUT = 200mA
-
-
2.5
IOUT = 350mA
-
-
4.7
Input Voltage
(Output On)
ULN2004A
VIN(ON)
5
VCE = 2V
HFE = 800
IOUT = 200mA
-
-
4.4
V
VR = 50V, Ta = 25℃
-
-
50
Clamp Diode Reverse Current
IR
6
VR = 50V, Ta = 85℃
-
-
100
μA
Clamp Diode Forward Voltage
VF
7
IF = 350 mA
-
-
2.0
V
Input Capacitance
CIN
-
-
15
-
pF
Turn-On Delay
tON
8
VOUT = 50V, RL = 125Ω
CL = 15pF
-
0.1
-
Turn-Off Delay
tOFF
8
VOUT = 50V, RL = 125Ω
CL = 15pF
-
0.2
-
μS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com