Electronic Components Datasheet Search
  English  ▼

X  

ULN2003 Datasheet(PDF) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # ULN2003
Description  7CH DARLINGTON SINK DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

ULN2003 Datasheet(HTML) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  ULN2003 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. ULN2003 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. ULN2003 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. ULN2003 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. ULN2003 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. ULN2003 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. ULN2003 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. ULN2003 Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. ULN2003 Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ULN2003, 04A/AD
www.artschip.com
2
SCHEMATICS (EACH DRIVER)
(Note) : The input and output parasitic diodes cannot be used as clamp diodes.
MAXIMUM RATINGS (Ta = 25℃)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Output Sustaining Voltage
VCE (SUS)
-0.5~50
V
Output Current
IOUT
500
mA/ch
Input Voltage
VIN
-0.5~30
V
Clamp Diode Reverse Voltage
VR
50
V
Clamp Diode Forward Current
IF
500
mA
A
1.47
Power Dissipation
AD
PD
0.54/0.625 (Note)
W
Operating Temperature
Topr
-40~85
℃
Storage Temperature
Tstg
-55~150
℃
(Note) : On glass epoxy PCB (30 x 30 x1.6mm Cu 50%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com