Electronic Components Datasheet Search
  English  ▼

X  

ULN2003 Datasheet(PDF) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # ULN2003
Description  7CH DARLINGTON SINK DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

ULN2003 Datasheet(HTML) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  ULN2003 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. ULN2003 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. ULN2003 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. ULN2003 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. ULN2003 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. ULN2003 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. ULN2003 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. ULN2003 Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. ULN2003 Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
ULN2003, 04A/AD
www.artschip.com
1
ULN2003A, ULN2003AD, ULN2004A, ULN2004AD
7CH DARLINGTON SINK DRIVER
The ULN2003A/AD Series are high-voltage, high-current
darlington drivers comprised of seven NPN darlington pairs.
All units feature integral clamp diodes for switching inductive
loads.
Applications include relay, hammer, lamp and display (LED)
drivers.
FEATURES
Output current
(single output) 500mA MAX.
High sustaining voltage output
50V MIN. (ULN2003A/AD Series)
Output clamp diodes
Inputs compatible with various types of logic
Package Type-A
: DIP-16pin
Package Type-AD
: SOP-16pin
TYPE
INPUT BASE
RESISTOR
DESGNATION
ULN2003A/AD
2.7kΩ
TTL, 5V CMOS
ULN2004A/AD
10.5 kΩ
6~15V PMOS, CMOS
ULN2003A
ULN2004A
DIP16-P-300-2.54A
ULN2003AD
ULN2004AD
SOL16-P-150-1.27A
Weight
DIP16-P-300-2.54A
: 1.11g (Typ.)
SOP16-P-150-1.27A
: 0.15g (Typ.)
PIN CONNECTION (TOP VIEW)
980910EBA1


Similar Part No. - ULN2003

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ULN2003 STMICROELECTRONICS-ULN2003 Datasheet
326Kb / 8P
SEVEN DARLINGTON ARRAYS
Feb-2002
logo
List of Unclassifed Man...
ULN2003 ETC1-ULN2003 Datasheet
749Kb / 8P
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
logo
First Components Intern...
ULN2003 FCI-ULN2003 Datasheet
268Kb / 5P
High-Voltage, High - Current Darlington Arrays
logo
Tiger Electronic Co.,Lt...
ULN2003 TGS-ULN2003 Datasheet
671Kb / 7P
SEVEN DARLINGTON ARRAYS
logo
Unisonic Technologies
ULN2003 UTC-ULN2003 Datasheet
328Kb / 10P
7CH DARLINGTON SINK DRIVER
More results

Similar Description - ULN2003

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62003FB TOSHIBA-TD62003FB Datasheet
293Kb / 7P
7CH DARLINGTON SINK DRIVER
TD62003PA TOSHIBA-TD62003PA Datasheet
334Kb / 9P
7CH DARLINGTON SINK DRIVER
TD62007P TOSHIBA-TD62007P Datasheet
237Kb / 6P
7CH DARLINGTON SINK DRIVER
15-May-1998
TD62008AP TOSHIBA-TD62008AP Datasheet
251Kb / 6P
7CH DARLINGTON SINK DRIVER
15-May-1998
ULN2003AP TOSHIBA-ULN2003AP Datasheet
374Kb / 11P
7CH DARLINGTON SINK DRIVER
TD62008APG TOSHIBA-TD62008APG Datasheet
472Kb / 10P
7CH DARLINGTON SINK DRIVER
TD62008AFWG TOSHIBA-TD62008AFWG Datasheet
171Kb / 8P
7ch Darlington Sink Driver
logo
Unisonic Technologies
ULN2003 UTC-ULN2003_11 Datasheet
328Kb / 10P
7CH DARLINGTON SINK DRIVER
ULN2004 UTC-ULN2004_10 Datasheet
212Kb / 8P
7CH DARLINGTON SINK DRIVER
ULN2003 UTC-ULN2003_15 Datasheet
391Kb / 10P
7CH DARLINGTON SINK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com