Electronic Components Datasheet Search
  English  ▼

X  

ADM2486 Datasheet(PDF) 16 Page - Analog Devices

Part # ADM2486
Description  High Speed, Half-Duplex iCoupler Isolated RS-485 Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2486 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADM2486 Datasheet HTML 12Page - Analog Devices ADM2486 Datasheet HTML 13Page - Analog Devices ADM2486 Datasheet HTML 14Page - Analog Devices ADM2486 Datasheet HTML 15Page - Analog Devices ADM2486 Datasheet HTML 16Page - Analog Devices ADM2486 Datasheet HTML 17Page - Analog Devices ADM2486 Datasheet HTML 18Page - Analog Devices ADM2486 Datasheet HTML 19Page - Analog Devices ADM2486 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
ADM2486
Rev. C | Page 16 of 20
APPLICATIONS INFORMATION
POWER_VALID INPUT
To avoid chatter on the A and B outputs caused by slow power-
up and power-down transients on VDD1 (>100 µs/V), the device
features a power_valid (PV) digital input. This pin should be
driven low until VDD1 exceeds 2.0 V. When VDD1 is greater than
2.0 V, this pin should be driven high. Conversely, upon power-
down, PV should be driven low before VDD1 reaches 2.0 V.
If the PV pin is driven with an open-drain output, the
recommended value for the pull-up resistor is a 10 kΩ resistor,
bypassed with a 100 pF capacitor to GND1 (see Figure 30).
The power_valid input can be driven, for example, by the
output of a system reset circuit such as the ADM809Z, which
has a threshold voltage of 2.32 V.
ADM809Z
ADM2486
VDD1
PV
GND1
VDD1
RESET
RESET
VDD1
tPOR
2.32V
2.0V
2.32V
2.0V
Figure 29. Driving PV with ADM809Z
ADM809Z
ADM2486
VDD1
PV
GND1
VDD1
RESET
RESET
VDD1
tPOR
2.32V
2.0V
2.32V
2.0V
100pF
10k
Ω
Figure 30. Driving PV with an Open-Drain Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com