Electronic Components Datasheet Search
  English  ▼

X  

ADM2486 Datasheet(PDF) 3 Page - Analog Devices

Part # ADM2486
Description  High Speed, Half-Duplex iCoupler Isolated RS-485 Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2486 Datasheet(HTML) 3 Page - Analog Devices

  ADM2486 Datasheet HTML 1Page - Analog Devices ADM2486 Datasheet HTML 2Page - Analog Devices ADM2486 Datasheet HTML 3Page - Analog Devices ADM2486 Datasheet HTML 4Page - Analog Devices ADM2486 Datasheet HTML 5Page - Analog Devices ADM2486 Datasheet HTML 6Page - Analog Devices ADM2486 Datasheet HTML 7Page - Analog Devices ADM2486 Datasheet HTML 8Page - Analog Devices ADM2486 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ADM2486
Rev. C | Page 3 of 20
SPECIFICATIONS
2.7 V ≤ VDD1 ≤ 5.5 V, 4.75 V ≤ VDD2 ≤ 5.25 V, TA = TMIN to TMAX, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DRIVER
Differential Outputs
Differential Output Voltage, VOD
5
V
R = ∞, see Figure 3
2.1
5
V
R = 50 Ω (RS-422), see Figure 3
2.1
5
V
R = 27 Ω (RS-485), see Figure 3
2.1
5
V
VTST = −7 V to 12 V, VDD1 ≥ 4.7,
see Figure 4
∆ |VOD| for Complementary Output States
0.2
V
R = 27 Ω or 50 Ω, see Figure 3
Common-Mode Output Voltage, VOC
3
V
R = 27 Ω or 50 Ω, see Figure 3
∆ |VOC| for Complementary Output States
0.2
V
R = 27 Ω or 50 Ω, see Figure 3
Output Short-Circuit Current, VOUT = High
60
200
mA
−7 V ≤ VOUT ≤ +12 V
Output Short-Circuit Current, VOUT = Low
60
200
mA
−7 V ≤ VOUT ≤ +12 V
Bus Enable Output
Output High Voltage
VDD2 − 0.1
V
IODE = 20 µA
VDD2 − 0.3
VDD2 − 0.1
V
IODE = 1.6 mA
VDD2 − 0.4
VDD2 − 0.2
V
IODE = 4 mA
Output Low Voltage
0.1
V
IODE = −20 µA
0.1
0.3
V
IODE = −1.6 mA
0.2
0.4
V
IODE = −4 mA
Logic Inputs
Input High Voltage
0.7 VDD1
V
TxD, RTS, RE, PV
Input Low Voltage
0.25 VDD1
V
TxD, RTS, RE, PV
CMOS Logic Input Current (TxD, RTS, RE, PV)
−10
0.01
10
µA
TxD, RTS, RE, PV = VDD1 or 0 V
RECEIVER
Differential Inputs
Differential Input Threshold Voltage, VTH
−200
200
mV
−7 V ≤ VCM ≤ +12V
Input Hysteresis
70
mV
−7 V ≤ VCM ≤ +12V
Input Resistance (A, B)
20
30
kΩ
−7 V ≤ VCM ≤ +12V
Input Current (A, B)
0.6
mA
VIN = +12 V
−0.35
mA
VIN = −7 V
RxD Logic Output
Output High Voltage
VDD1 − 0.1
V
IOUT = 20 µA, VA − VB = 0.2 V
VDD1 − 0.4
VDD1 − 0.2
V
IOUT = 4 mA, VA − VB = 0.2 V
Output Low Voltage
0.1
V
IOUT = −20 µA, VA − VB = −0.2 V
0.2
0.4
V
IOUT = −4 mA, VA − VB = −0.2 V
Output Short-Circuit Current
7
85
mA
VOUT = GND or VCC
Three-State Output Leakage Current
±1
µA
0.4 V ≤ VOUT ≤ 2.4 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com