Electronic Components Datasheet Search
  English  ▼

X  

ADM2486 Datasheet(PDF) 17 Page - Analog Devices

Part # ADM2486
Description  High Speed, Half-Duplex iCoupler Isolated RS-485 Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2486 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADM2486 Datasheet HTML 12Page - Analog Devices ADM2486 Datasheet HTML 13Page - Analog Devices ADM2486 Datasheet HTML 14Page - Analog Devices ADM2486 Datasheet HTML 15Page - Analog Devices ADM2486 Datasheet HTML 16Page - Analog Devices ADM2486 Datasheet HTML 17Page - Analog Devices ADM2486 Datasheet HTML 18Page - Analog Devices ADM2486 Datasheet HTML 19Page - Analog Devices ADM2486 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
ADM2486
Rev. C | Page 17 of 20
ISOLATED POWER SUPPLY CIRCUIT
The ADM2486 requires isolated power capable of 5 V at 100 mA
to be supplied between the VDD2 and GND2 pins. If no suitable
integrated power supply is available, a discrete circuit, such as
the one in Figure 31, can be used. A center-tapped transformer
provides electrical isolation. The primary winding is excited
with a pair of square waveforms that are 180° out of phase with
each other. A pair of Schottky diodes and a smoothing capacitor
are used to create a rectified signal from the secondary winding.
The ADP667 linear voltage regulator provides a regulated
power supply to the ADM2486’s bus-side circuitry.
To create the pair of square waves, a D-type flip-flop with
complementary Q/Q outputs is used. The flip-flop can be
connected so that output Q follows the clock input signal. If no
local clock signal is available, a simple digital oscillator can be
implemented with a hex-inverting Schmitt trigger and a resistor
and capacitor. In this case, values of 3.9 kΩ and 1 nF generate a
364 kHz square wave. A pair of discrete NMOS transistors,
switched by the Q/Q flip-flop outputs, conduct current through
the center tap of the primary transformer, winding in an
alternating fashion.
ISOLATION
BARRIER
VCC
78253
SD103C
SD103C
22
µF
BS107A
BS107A
10
µF
5V
OUT
IN
SET GND SHDN
VCC
VDD1
VDD2
GND1
GND2
CLK
Q
Q
D
PR
CLR
74HC74A
100nF
VCC
VCC
100nF
74HC14A
3.9k
Ω
1nF
ADP667
ADM2486
Figure 31. Isolated Power Supply Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com