Electronic Components Datasheet Search
  English  ▼

X  

BUD600 Datasheet(PDF) 1 Page - TEMIC Semiconductors

Part # BUD600
Description  Silicon NPN Hugh Voltage Switching Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

BUD600 Datasheet(HTML) 1 Page - TEMIC Semiconductors

  BUD600 Datasheet HTML 1Page - TEMIC Semiconductors BUD600 Datasheet HTML 2Page - TEMIC Semiconductors BUD600 Datasheet HTML 3Page - TEMIC Semiconductors BUD600 Datasheet HTML 4Page - TEMIC Semiconductors BUD600 Datasheet HTML 5Page - TEMIC Semiconductors BUD600 Datasheet HTML 6Page - TEMIC Semiconductors BUD600 Datasheet HTML 7Page - TEMIC Semiconductors BUD600 Datasheet HTML 8Page - TEMIC Semiconductors BUD600 Datasheet HTML 9Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
BUD600
TELEFUNKEN Semiconductors
Rev. B2, 18-Jul-97
1 (9)
Silicon NPN High Voltage Switching Transistor
Features
D Simple-sWitch-Off Transistor (SWOT)
D HIGH SPEED technology
D Planar passivation
D 100 kHz switching rate
D Very low switching losses
D Very low dynamic saturation
D Very low operating temperature
D Optimized RBSOA
D High reverse voltage
Applications
Electronic lamp ballast circuits
Switch-mode power supplies
94 8964
1
2
3
BUD600
1 Base 2 Collector 3 Emitter
94 8965
2
1
3
BUD600 –SMD
1 Base 2 Collector 3 Emitter
Absolute Maximum Ratings
Tcase = 25°C, unless otherwise specified
Parameter
Test Conditions
Symbol
Value
Unit
Collector-emitter voltage
VCEO
250
V
g
VCEW
300
V
VCES
600
V
Emitter-base voltage
VEBO
11
V
Collector current
IC
2
A
Collector peak current
ICM
3
A
Base current
IB
0.75
A
Base peak current
IBM
1
A
Total power dissipation
Tcase ≤ 60
°C
Ptot
12
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
–65 to +150
°C


Similar Part No. - BUD600

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BUD42D ONSEMI-BUD42D Datasheet
193Kb / 14P
High Speed, High Gain Bipolar NPN Transistor with Antisaturation Network and Transient Voltage Suppression Capability
August, 2003 ??Rev. 2
BUD42D ONSEMI-BUD42D Datasheet
184Kb / 12P
High Speed, High Gain Bipolar NPN Transistor
January, 2011 ??Rev. 5
BUD42D-1 ONSEMI-BUD42D-1 Datasheet
193Kb / 14P
High Speed, High Gain Bipolar NPN Transistor with Antisaturation Network and Transient Voltage Suppression Capability
August, 2003 ??Rev. 2
BUD42DT4 ONSEMI-BUD42DT4 Datasheet
193Kb / 14P
High Speed, High Gain Bipolar NPN Transistor with Antisaturation Network and Transient Voltage Suppression Capability
August, 2003 ??Rev. 2
BUD42DT4G ONSEMI-BUD42DT4G Datasheet
184Kb / 12P
High Speed, High Gain Bipolar NPN Transistor
January, 2011 ??Rev. 5
More results

Similar Description - BUD600

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
BUF636A TEMIC-BUF636A Datasheet
126Kb / 8P
Silicon NPN High Voltage Switching Transistor
logo
Vishay Siliconix
BUF644 VISHAY-BUF644 Datasheet
92Kb / 9P
Silicon NPN High Voltage Switching Transistor
20-Jan-99
logo
TEMIC Semiconductors
BUF742 TEMIC-BUF742 Datasheet
129Kb / 8P
Silicon NPN High Voltage Switching Transistor
logo
Vishay Siliconix
BUF7216 VISHAY-BUF7216 Datasheet
92Kb / 8P
Silicon NPN High Voltage Switching Transistor
20-Jan-99
logo
TEMIC Semiconductors
BUF744 TEMIC-BUF744 Datasheet
133Kb / 9P
Silicon NPN High Voltage Switching Transistor
BUF650 TEMIC-BUF650 Datasheet
88Kb / 8P
Silicon NPN High Voltage Switching Transistor
logo
Vaishali Semiconductor
BUD700D VAISH-BUD700D Datasheet
99Kb / 8P
Silicon NPN High Voltage Switching Transistor
logo
TEMIC Semiconductors
TE13004D TEMIC-TE13004D Datasheet
94Kb / 9P
Silicon NPN High Voltage Switching Transistor
BUF653 TEMIC-BUF653 Datasheet
132Kb / 8P
Silicon NPN High Voltage Switching Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com