Electronic Components Datasheet Search
  English  ▼

X  

BUD600 Datasheet(PDF) 2 Page - TEMIC Semiconductors

Part # BUD600
Description  Silicon NPN Hugh Voltage Switching Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

BUD600 Datasheet(HTML) 2 Page - TEMIC Semiconductors

  BUD600 Datasheet HTML 1Page - TEMIC Semiconductors BUD600 Datasheet HTML 2Page - TEMIC Semiconductors BUD600 Datasheet HTML 3Page - TEMIC Semiconductors BUD600 Datasheet HTML 4Page - TEMIC Semiconductors BUD600 Datasheet HTML 5Page - TEMIC Semiconductors BUD600 Datasheet HTML 6Page - TEMIC Semiconductors BUD600 Datasheet HTML 7Page - TEMIC Semiconductors BUD600 Datasheet HTML 8Page - TEMIC Semiconductors BUD600 Datasheet HTML 9Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
BUD600
TELEFUNKEN Semiconductors
Rev. B2, 18-Jul-97
2 (9)
Maximum Thermal Resistance
Tcase = 25°C, unless otherwise specified
Parameter
Test Conditions
Symbol
Value
Unit
Junction case
RthJC
7.5
K/W
Electrical Characteristics
Tcase = 25°C, unless otherwise specified
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Collector cut-off current
VCES = 600 V
ICES
50
mA
VCES = 600 V; Tcase = 150
°C
ICES
0.5
mA
Collector-emitter breakdown
voltage (figure 1)
IC = 300 mA; L = 125 mH;
Imeasure = 100 mA
V(BR)CEO
250
V
Emitter-base breakdown voltage
IE = 1 mA
V(BR)EBO
11
V
Collector-emitter saturation
IC = 0.3 A; IB = 0.1 A
VCEsat
0.1
0.2
V
voltage
IC = 1 A; IB = 0.3 A
VCEsat
0.25
0.4
V
Base-emitter saturation voltage
IC = 0.3 A; IB = 0.1 A
VBEsat
0.9
1
V
g
IC = 1 A; IB = 0.3 A
VBEsat
1
1.2
V
DC forward current transfer ratio
VCE = 2 V; IC = 10 mA
hFE
15
22
VCE = 2 V; IC = 0.3 A
hFE
15
20
VCE = 2 V; IC = 1 A
hFE
7
9
VCE = 5 V; IC = 2 A
hFE
4
6
Collector-emitter working voltage
VS = 50 V; L = 1 mH; IC = 2 A;
IB1 = 0.7 A; –IB2 = 0.2 A;
–VBB = 5 V
VCEW
300
V
Dynamic saturation voltage
IC = 1 A; IB = 0.2 A, t = 1
ms
VCEsatdyn
4
6
V
yg
IC = 1 A; IB = 0.2 A, t = 3
ms
VCEsatdyn
0.8
1.5
V
Gain bandwidth product
IC = 200 mA; VCE = 10 V;
f = 1 MHz
fT
4
MHz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com