Electronic Components Datasheet Search
  English  ▼

X  

BUD600 Datasheet(PDF) 3 Page - TEMIC Semiconductors

Part # BUD600
Description  Silicon NPN Hugh Voltage Switching Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

BUD600 Datasheet(HTML) 3 Page - TEMIC Semiconductors

  BUD600 Datasheet HTML 1Page - TEMIC Semiconductors BUD600 Datasheet HTML 2Page - TEMIC Semiconductors BUD600 Datasheet HTML 3Page - TEMIC Semiconductors BUD600 Datasheet HTML 4Page - TEMIC Semiconductors BUD600 Datasheet HTML 5Page - TEMIC Semiconductors BUD600 Datasheet HTML 6Page - TEMIC Semiconductors BUD600 Datasheet HTML 7Page - TEMIC Semiconductors BUD600 Datasheet HTML 8Page - TEMIC Semiconductors BUD600 Datasheet HTML 9Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
BUD600
TELEFUNKEN Semiconductors
Rev. B2, 18-Jul-97
3 (9)
Switching Characteristics
Tcase = 25°C, unless otherwise specified
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Resistive load (figure 2)
Turn on time
IC = 0.3 A; IB1 = 0.1 A; –IB2 = 0.2 A;
ton
0.15
0.3
ms
Storage time
C
; B1
;
B2
;
VS = 250 V
ts
1.6
2
ms
Fall time
tf
0.5
0.6
ms
Turn on time
IC = 1 A; IB1 = 0.2 A; –IB2 = 0.5 A;
ton
0.25
0.5
ms
Storage time
C
; B1
;
B2
;
VS = 250 V
ts
0.8
1
ms
Fall time
tf
0.15
0.25
ms
Inductive load (figure 3)
Storage time
IC = 0.3 A; IB1 = 0.1 A; –IB2 = 0.2 A;
ts
1.6
2
ms
Fall time
C
; B1
;
B2
;
Vclamp = 300 V; L = 200
mH
tf
0.3
0.45
ms
Storage time
IC = 1 A; IB1 = 0.2 A; –IB2 = 0.5 A;
ts
0.8
1
ms
Fall time
C
; B1
;
B2
;
Vclamp = 300 V; L = 200
mH
tf
0.1
0.15
ms
+
3 Pulses
94 8863
tp
T +
0.1
tp
+ 10 ms
V
S2
+ 10 V
I
B
w
I
C
5
IC
LC
V
S1
+
V(BR)CEO
I(BR)R
100 m
W
IC
VCE
V(BR)CEO
Imeasure
0to30V
Figure 1. Test circuit for V(BR)CE0



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com