Electronic Components Datasheet Search
  English  ▼

X  

AM5728 Datasheet(PDF) 152 Page - Texas Instruments

Click here to check the latest version.
Part # AM5728
Description  Sitara Processors Silicon Revision 2.0
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5728 Datasheet(HTML) 152 Page - Texas Instruments

Back Button AM5728 Datasheet HTML 148Page - Texas Instruments AM5728 Datasheet HTML 149Page - Texas Instruments AM5728 Datasheet HTML 150Page - Texas Instruments AM5728 Datasheet HTML 151Page - Texas Instruments AM5728 Datasheet HTML 152Page - Texas Instruments AM5728 Datasheet HTML 153Page - Texas Instruments AM5728 Datasheet HTML 154Page - Texas Instruments AM5728 Datasheet HTML 155Page - Texas Instruments AM5728 Datasheet HTML 156Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 415 page
background image
152
AM5729, AM5728, AM5726
SPRS953F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM5729 AM5728 AM5726
Terminal Configuration and Functions
Copyright © 2015–2019, Texas Instruments Incorporated
(1) This signal must be kept 0 if device power supplies are not valid during RTC mode and 1 during normal operation. This can typically be
achieved by connecting rtc_iso to the same signal driving porz (not rtc_porz) with appropriate voltage level translation if necessary.
4.4.25.4 System Direct Memory Access (SDMA)
NOTE
For more information, see the DMA Controllers / System DMA section of the device TRM.
Table 4-31. System DMA Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
dma_evt1
System DMA Event Input 1
I
P7/ P4
dma_evt2
System DMA Event Input 2
I
N1/ R3
dma_evt3
System DMA Event Input 3
I
N6
dma_evt4
System DMA Event Input 4
I
M4
4.4.25.5 Interrupt Controllers (INTC)
NOTE
For more information, see the Interrupt Controllers chapter of the device TRM.
Table 4-32. INTC Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
nmin_dsp
Non maskable interrupt input, active-low. This pin can be optionally routed to the
DSP NMI input or as generic input to the Arm cores. Note that by default this pin
has an internal pulldown resistor enabled. This internal pulldown should be disabled
or countered by a stronger external pullup resistor before routing to the DSP or Arm
processors.
I
D21
sys_nirq2
External interrupt event to any device INTC
I
AB16
sys_nirq1
External interrupt event to any device INTC
I
AC16
4.4.25.6 Observability
NOTE
For more information, see the Control Module section of the device TRM.
Table 4-33. Observability Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
obs0
Observation Output 0
O
F10
obs1
Observation Output 1
O
G11
obs2
Observation Output 2
O
E9
obs3
Observation Output 3
O
F9
obs4
Observation Output 4
O
F8
obs5
Observation Output 5
O
D7
obs6
Observation Output 6
O
D8
obs7
Observation Output 7
O
A5
obs8
Observation Output 8
O
C6
obs9
Observation Output 9
O
C8
obs10
Observation Output 10
O
C7
obs11
Observation Output 11
O
A7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com