| Electronic Components Datasheet Search |
|
AM5728 Datasheet(PDF) 148 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM5728 Datasheet(HTML) 148 Page - Texas Instruments |
|
148 / 415 page ![]() 148 AM5729, AM5728, AM5726 SPRS953F – DECEMBER 2015 – REVISED MAY 2019 www.ti.com Submit Documentation Feedback Product Folder Links: AM5729 AM5728 AM5726 Terminal Configuration and Functions Copyright © 2015–2019, Texas Instruments Incorporated Table 4-26. PRU-ICSS Signal Descriptions (continued) SIGNAL NAME DESCRIPTION TYPE BALL BOTTOM pr2_edio_data_out4 Ethernet Digital Output O C9 pr2_edio_data_out5 Ethernet Digital Output O A9 pr2_edio_data_out6 Ethernet Digital Output O B9 pr2_edio_data_out7 Ethernet Digital Output O A10 pr2_mii1_col MII1 Collision Detect I D18 pr2_mii1_crs MII1 Carrier Sense I E17 pr2_mdio_mdclk MDIO Clock O C14/ AB3 pr2_mdio_data MDIO Data IO D14/ AA4 pr2_mii0_rxer MII0 Receive Error I G12 pr2_mii_mt0_clk MII0 Transmit Clock I F12 pr2_mii0_txen MII0 Transmit Enable O B12 pr2_mii0_txd3 MII0 Transmit Data O A11 pr2_mii0_txd2 MII0 Transmit Data O B13 pr2_mii0_txd1 MII0 Transmit Data O A12 pr2_mii0_txd0 MII0 Transmit Data O E14 pr2_mii_mr0_clk MII0 Receive Clock I A13 pr2_mii0_rxdv MII0 Data Valid I G14 pr2_mii0_rxd3 MII0 Receive Data I F14 pr2_mii0_rxd2 MII0 Receive Data I A19 pr2_mii0_rxd1 MII0 Receive Data I A18 pr2_mii0_rxd0 MII0 Receive Data I C15 pr2_mii0_rxlink MII0 Receive Link I A16 pr2_mii0_crs MII0 Carrier Sense I B18 pr2_mii0_col MII0 Collision Detect I F15 pr2_mii1_rxer MII1 Receive Error I B19 pr2_mii1_rxlink MII1 Receive Link I C17 pr2_mii_mt1_clk MII1 Transmit Clock I AC5 pr2_mii1_txen MII1 Transmit Enable O AB4 pr2_mii1_txd3 MII1 Transmit Data O AD4 pr2_mii1_txd2 MII1 Transmit Data O AC4 pr2_mii1_txd1 MII1 Transmit Data O AC7 pr2_mii1_txd0 MII1 Transmit Data O AC6 pr2_mii_mr1_clk MII1 Receive Clock I AC9 pr2_mii1_rxdv MII1 Data Valid I AC3 pr2_mii1_rxd3 MII1 Receive Data I AC8 pr2_mii1_rxd2 MII1 Receive Data I AD6 pr2_mii1_rxd1 MII1 Receive Data I AB8 pr2_mii1_rxd0 MII1 Receive Data I AB5 NOTE PRU-ICSS has internal multiplexing capability of pin functions. See PRU-ICSS EGPIO Internal Pinmux in device TRM. Besides, EGPIO module can be configured to export additional functions to EGPIO pins in place of simple GPIO. See Enhanced General-Purpose Module/Serial Capture Unit in device TRM. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |