| Electronic Components Datasheet Search |
|
AM5728 Datasheet(PDF) 147 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM5728 Datasheet(HTML) 147 Page - Texas Instruments |
|
147 / 415 page ![]() 147 AM5729, AM5728, AM5726 www.ti.com SPRS953F – DECEMBER 2015 – REVISED MAY 2019 Submit Documentation Feedback Product Folder Links: AM5729 AM5728 AM5726 Terminal Configuration and Functions Copyright © 2015–2019, Texas Instruments Incorporated Table 4-26. PRU-ICSS Signal Descriptions (continued) SIGNAL NAME DESCRIPTION TYPE BALL BOTTOM pr2_pru1_gpo18 PRU1 General-Purpose Output O F11 pr2_pru1_gpo19 PRU1 General-Purpose Output O G10 pr2_pru1_gpo20 PRU1 General-Purpose Output O F10 pr2_pru1_gpi0 PRU1 General-Purpose Input I V1/ D17 pr2_pru1_gpi1 PRU1 General-Purpose Input I U4/ AA3 pr2_pru1_gpi2 PRU1 General-Purpose Input I U3/ AB9 pr2_pru1_gpi3 PRU1 General-Purpose Input I V2/ AB3 pr2_pru1_gpi4 PRU1 General-Purpose Input I Y1/ AA4 pr2_pru1_gpi5 PRU1 General-Purpose Input I W9/ D18 pr2_pru1_gpi6 PRU1 General-Purpose Input I V9/ E17 pr2_pru1_gpi7 PRU1 General-Purpose Input I V7 / C14 pr2_pru1_gpi8 PRU1 General-Purpose Input I U7 / G12 pr2_pru1_gpi9 PRU1 General-Purpose Input I V6 / F12 pr2_pru1_gpi10 PRU1 General-Purpose Input I U6 / B12 pr2_pru1_gpi11 PRU1 General-Purpose Input I U5 / A11 pr2_pru1_gpi12 PRU1 General-Purpose Input I V5 / B13 pr2_pru1_gpi13 PRU1 General-Purpose Input I V4 / A12 pr2_pru1_gpi14 PRU1 General-Purpose Input I V3 / E14 pr2_pru1_gpi15 PRU1 General-Purpose Input I Y2 / A13 pr2_pru1_gpi16 PRU1 General-Purpose Input I W2 / G14 pr2_pru1_gpi17 PRU1 General-Purpose Input I E11 pr2_pru1_gpi18 PRU1 General-Purpose Input I F11 pr2_pru1_gpi19 PRU1 General-Purpose Input I G10 pr2_pru1_gpi20 PRU1 General-Purpose Input I F10 pr2_edc_latch0_in Latch Input 0 I F9 pr2_edc_latch1_in Latch Input 1 I F8 pr2_edc_sync0_out SYNC 0 Output O E7 pr2_edc_sync1_out SYNC 1 Output O E8 pr2_edio_latch_in Latch Input I D9 pr2_edio_sof Start Of Frame O D7 pr2_uart0_cts_n UART Clear-To-Send I D8 pr2_uart0_rts_n UART Ready-To-Send O A5 pr2_uart0_rxd UART Receive Data I C6 pr2_uart0_txd UART Transmit Data O C8 pr2_ecap0_ecap_capin_apwm_o Capture Input / PWM output IO C7 pr2_edio_data_in0 Ethernet Digital Input I B7 pr2_edio_data_in1 Ethernet Digital Input I B8 pr2_edio_data_in2 Ethernet Digital Input I A7 pr2_edio_data_in3 Ethernet Digital Input I A8 pr2_edio_data_in4 Ethernet Digital Input I C9 pr2_edio_data_in5 Ethernet Digital Input I A9 pr2_edio_data_in6 Ethernet Digital Input I B9 pr2_edio_data_in7 Ethernet Digital Input I A10 pr2_edio_data_out0 Ethernet Digital Output O B7 pr2_edio_data_out1 Ethernet Digital Output O B8 pr2_edio_data_out2 Ethernet Digital Output O A7 pr2_edio_data_out3 Ethernet Digital Output O A8 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |