Electronic Components Datasheet Search
  English  ▼

X  

AM5728 Datasheet(PDF) 165 Page - Texas Instruments

Click here to check the latest version.
Part # AM5728
Description  Sitara Processors Silicon Revision 2.0
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5728 Datasheet(HTML) 165 Page - Texas Instruments

Back Button AM5728 Datasheet HTML 161Page - Texas Instruments AM5728 Datasheet HTML 162Page - Texas Instruments AM5728 Datasheet HTML 163Page - Texas Instruments AM5728 Datasheet HTML 164Page - Texas Instruments AM5728 Datasheet HTML 165Page - Texas Instruments AM5728 Datasheet HTML 166Page - Texas Instruments AM5728 Datasheet HTML 167Page - Texas Instruments AM5728 Datasheet HTML 168Page - Texas Instruments AM5728 Datasheet HTML 169Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 415 page
background image
165
AM5729, AM5728, AM5726
www.ti.com
SPRS953F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: AM5729 AM5728 AM5726
Specifications
Copyright © 2015–2019, Texas Instruments Incorporated
Table 5-8. Supported OPP vs Max Frequency (2)
DESCRIPTION
OPP_NOM
OPP_OD
OPP_HIGH
MAX FREQ. (MHz)
MAX FREQ. (MHz)
MAX FREQ. (MHz)
VD_MPU
MPU_CLK
1000
1176
1500
VD_DSPEVE
DSP_CLK
600
700
750
EVE_FCLK
535
650
650
VD_IVA
IVA_GCLK
388.3
430
532
VD_GPU
GPU_CLK
425.6
500
532
VD_CORE
CORE_IPUx_CLK
212.8
N/A
N/A
L3_CLK
266
N/A
N/A
DDR3 / DDR3L
532 (DDR3-1066)
N/A
N/A
VD_RTC
RTC_FCLK
0.034
N/A
N/A
(1) N/A in this table stands for Not Applicable.
(2) Maximum supported frequency is limited according to Table 5-5, Speed Grade Maximum Frequency).
5.5.3
Maximum Supported Frequency
Device modules either receive their clock directly from an external clock input, directly from a PLL, or from
a PRCM. Table 5-9 lists the clock source options for each module on this device, along with the maximum
frequency that module can accept. To ensure proper module functionality, the device PLLs and dividers
must be programmed not to exceed the maximum frequencies listed in this table.
Table 5-9. Maximum Supported Frequency
Module
Clock Sources
Instance Name
Input Clock Name
Clock
Type
Max. Clock
Allowed (MHz)
PRCM Clock Name
PLL / OSC / Source
Clock Name
PLL / OSC /
Source Name
AES1
AES1_L3_CLK
Int
266
L4SEC_L3_GICLK
CORE_X2_CLK
DPLL_CORE
AES2
AES2_L3_CLK
Int
266
L4SEC_L3_GICLK
CORE_X2_CLK
DPLL_CORE
BB2D
BB2D_FCLK
Func
354.6
BB2D_GFCLK
BB2D_GFCLK
DPLL_CORE
BB2D_ICLK
Int
266
DSS_L3_GICLK
CORE_X2_CLK
DPLL_CORE
COUNTER_32K
COUNTER_32K_F
CLK
Func
0.032
FUNC_32K_CLK
SYS_CLK1/610
OSC1
COUNTER_32K_IC
LK
Int
38.4
WKUPAON_GICLK
SYS_CLK1
OSC1
DPLL_ABE_X2_CLK
DPLL_ABE
CTRL_MODULE_B
ANDGAP
L3INSTR_TS_GCL
K
Int
4.8
L3INSTR_TS_GCLK
SYS_CLK1
OSC1
DPLL_ABE_X2_CLK
DPLL_ABE
CTRL_MODULE_C
ORE
L4CFG_L4_GICLK
Int
133
L4CFG_L4_GICLK
CORE_X2_CLK
DPLL_CORE
CTRL_MODULE_
WKUP
WKUPAON_GICLK
Int
38.4
WKUPAON_GICLK
SYS_CLK1
OSC1
DPLL_ABE_X2_CLK
DPLL_ABE
DCAN1
DCAN1_FCLK
Func
38.4
DCAN1_SYS_CLK
SYS_CLK1
OSC1
SYS_CLK2
OSC2
DCAN1_ICLK
Int
266
WKUPAON_GICLK
SYS_CLK1
OSC1
DPLL_ABE_X2_CLK
DPLL_ABE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com