Electronic Components Datasheet Search
  English  ▼

X  

AM5728 Datasheet(PDF) 161 Page - Texas Instruments

Click here to check the latest version.
Part # AM5728
Description  Sitara Processors Silicon Revision 2.0
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5728 Datasheet(HTML) 161 Page - Texas Instruments

Back Button AM5728 Datasheet HTML 157Page - Texas Instruments AM5728 Datasheet HTML 158Page - Texas Instruments AM5728 Datasheet HTML 159Page - Texas Instruments AM5728 Datasheet HTML 160Page - Texas Instruments AM5728 Datasheet HTML 161Page - Texas Instruments AM5728 Datasheet HTML 162Page - Texas Instruments AM5728 Datasheet HTML 163Page - Texas Instruments AM5728 Datasheet HTML 164Page - Texas Instruments AM5728 Datasheet HTML 165Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 415 page
background image
161
AM5729, AM5728, AM5726
www.ti.com
SPRS953F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: AM5729 AM5728 AM5726
Specifications
Copyright © 2015–2019, Texas Instruments Incorporated
Table 5-4. Recommended Operating Conditions (continued)
PARAMETER
DESCRIPTION
MIN (2)
NOM
MAX DC (3)
MAX (2)
UNIT
vdda_hdmi
PLL_HDMI and HDMI analog power
supply
1.71
1.80
1.836
1.89
V
Maximum noise (peak-peak)
50
mVPPmax
vdda_iva
DPLL_IVA analog power supply
1.71
1.80
1.836
1.89
V
Maximum noise (peak-peak)
50
mVPPmax
vdda_pcie
DPLL_PCIe_REF and PCIe analog
power supply
1.71
1.80
1.836
1.89
V
Maximum noise (peak-peak)
50
mVPPmax
vdda_pcie0
PCIe ch0 RX/TX analog power supply
1.71
1.80
1.89
V
Maximum noise (peak-peak)
50
mVPPmax
vdda_pcie1
PCIe ch1 RX/TX analog power supply
1.71
1.80
1.89
V
Maximum noise (peak-peak)
50
mVPPmax
vdda_sata
DPLL_SATA and SATA RX/TX analog
power supply
1.71
1.80
1.836
1.89
V
Maximum noise (peak-peak)
50
mVPPmax
vdda_usb3
DPLL_USB_OTG_SS and USB3.0
RX/TX analog power supply
1.71
1.80
1.836
1.89
V
Maximum noise (peak-peak)
50
mVPPmax
vdda_video
DPLL_VIDEO1 and DPLL_VIDEO2
analog power supply
1.71
1.80
1.836
1.89
V
Maximum noise (peak-peak)
50
mVPPmax
vdda_mpu
DPLL_MPU analog power supply
1.71
1.80
1.836
1.89
V
Maximum noise (peak-peak)
50
mVPPmax
vdda_osc
HFOSC analog power supply
1.71
1.80
1.89
V
Maximum noise (peak-peak)
50
mVPPmax
vdda_rtc
RTC bias and RTC LFOSC analog
power supply
1.71
1.80
1.89
V
Maximum noise (peak-peak)
50
mVPPmax
vdds18v
1.8V power supply
1.71
1.80
1.836
1.89
V
Maximum noise (peak-peak)
50
mVPPmax
vdds18v_ddr1
EMIF1 bias power supply
1.71
1.80
1.836
1.89
V
Maximum noise (peak-peak)
50
mVPPmax
vdds18v_ddr2
EMIF2 bias power supply
1.71
1.80
1.836
1.89
V
Maximum noise (peak-peak)
50
mVPPmax
vdds_ddr1
EMIF1 power supply
(1.5V for DDR3 mode /
1.35V for DDR3L mode)
1.35-V
Mode
1.28
1.35
1.377
1.42
V
1.5-V Mode
1.43
1.50
1.53
1.57
Maximum noise (peak-
peak)
1.35-V
Mode
50
mVPPmax
1.5-V Mode
vdds_ddr2
EMIF2 power supply
(1.5V for DDR3 mode /
1.35V for DDR3L mode)
1.35-V
Mode
1.28
1.35
1.377
1.42
V
1.5-V Mode
1.43
1.50
1.53
1.57
Maximum noise (peak-
peak)
1.35-V
Mode
50
mVPPmax
1.5-V Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com