Electronic Components Datasheet Search
  English  ▼

X  

AM5728 Datasheet(PDF) 158 Page - Texas Instruments

Click here to check the latest version.
Part # AM5728
Description  Sitara Processors Silicon Revision 2.0
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5728 Datasheet(HTML) 158 Page - Texas Instruments

Back Button AM5728 Datasheet HTML 154Page - Texas Instruments AM5728 Datasheet HTML 155Page - Texas Instruments AM5728 Datasheet HTML 156Page - Texas Instruments AM5728 Datasheet HTML 157Page - Texas Instruments AM5728 Datasheet HTML 158Page - Texas Instruments AM5728 Datasheet HTML 159Page - Texas Instruments AM5728 Datasheet HTML 160Page - Texas Instruments AM5728 Datasheet HTML 161Page - Texas Instruments AM5728 Datasheet HTML 162Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 415 page
background image
T
overshoot
T
undershoot
T
period
Overshoot = 20% of nominal
IO supply voltage
Undershoot = 20% of nominal
IO supply voltage
Nominal IO
supply voltage
VSS
osus_sprs851
158
AM5729, AM5728, AM5726
SPRS953F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM5729 AM5728 AM5726
Specifications
Copyright © 2015–2019, Texas Instruments Incorporated
Table 5-1. Absolute Maximum Rating Over Junction Temperature Range (continued)
PARAMETER(1)
MIN
MAX
UNIT
VIO (Steady-State)
Input and Output Voltage Ranges
(Steady-State)
Core I/Os
–0.3
1.5
V
Analog I/Os (except HDMI)
–0.3
2.0
HDMI I/Os
–0.3
3.5
I/O 1.35 V
–0.3
1.65
I/O 1.5 V
–0.3
1.8
1.8 V I/Os
–0.3
2.1
3.3 V I/Os (except those powered
by vddshv8)
–0.3
3.8
3.3 V I/Os (powered by vddshv8)
–0.3
3.6
SR
Maximum slew rate, all supplies
105
V/s
VIO (Transient Overshoot /
Undershoot)
Input and Output Voltage Ranges (Transient Overshoot/Undershoot)
Note: valid for up to 20% of the signal period. See Figure 5-1, IO transient
voltage ranges
0.2*VDD
(2)
V
TSTG
Storage temperature range after soldered onto PC Board
–55
+150
°C
Latch-up I-Test
I-test(3), All I/Os (if different levels then one line per level)
–100
100
mA
Latch-up OV-Test
Over-voltage Test(4), All supplies (if different levels then one line per level)
N/A
1.5*VSUP
PLY MAX
V
(1) See I/Os supplied by this power pin in Table 4-2 Ball Characteristics
(2) VDD is the voltage on the corresponding power-supply pin(s) for the I/O.
(3) Per JEDEC JESD78 at 125°C with specified I/O pin injection current and clamp voltage of 1.5 times maximum recommended I/O
voltage and negative 0.5 times maximum recommended I/O voltage.
(4) Per JEDEC JESD78 at 125°C.
(5) The maximum valid input voltage on an IO pin cannot exceed 0.3 volts when the supply powering the IO is turned off. This requirement
applies to all the IO pins which are not fail-safe and for all values of IO supply voltage. Special attention should be applied anytime
peripheral devices are not powered from the same power sources used to power the respective IO supply. It is important the attached
peripheral never sources a voltage outside the valid input voltage range, including power supply ramp-up and ramp-down sequences.
(1)
Tovershoot + Tundershoot < 20% of Tperiod
Figure 5-1. IO transient voltage ranges
5.2
ESD Ratings
Table 5-2. ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC
JS-001(1)
±1000
V
Charged-device model (CDM), per JEDEC
specification JESD22-C101(2)
±250



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com