Electronic Components Datasheet Search
  English  ▼

X  

AM5728 Datasheet(PDF) 157 Page - Texas Instruments

Click here to check the latest version.
Part # AM5728
Description  Sitara Processors Silicon Revision 2.0
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5728 Datasheet(HTML) 157 Page - Texas Instruments

Back Button AM5728 Datasheet HTML 153Page - Texas Instruments AM5728 Datasheet HTML 154Page - Texas Instruments AM5728 Datasheet HTML 155Page - Texas Instruments AM5728 Datasheet HTML 156Page - Texas Instruments AM5728 Datasheet HTML 157Page - Texas Instruments AM5728 Datasheet HTML 158Page - Texas Instruments AM5728 Datasheet HTML 159Page - Texas Instruments AM5728 Datasheet HTML 160Page - Texas Instruments AM5728 Datasheet HTML 161Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 415 page
background image
157
AM5729, AM5728, AM5726
www.ti.com
SPRS953F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: AM5729 AM5728 AM5726
Specifications
Copyright © 2015–2019, Texas Instruments Incorporated
5
Specifications
NOTE
For more information, see Power, Reset, and Clock Management / PRCM Subsystem
Environment / External Voltage Inputs or Initialization / Preinitialization / Power Requirements
section of the Device TRM.
NOTE
The index numbers 1 and 2 which is part of the EMIF1 and EMIF2 signal prefixes (ddr1_*
and ddr2_*) listed in Table 4-7, EMIF Signal Descriptions, column "SIGNAL NAME" not to be
confused with DDR1 and DDR2 types of SDRAM memories.
NOTE
Audio Back End (ABE) module is not supported for this family of devices, but “ABE” name is
still present in some clock or DPLL names.
CAUTION
All IO Cells are NOT Fail-safe compliant and should not be externally driven in
absence of their IO supply.
5.1
Absolute Maximum Ratings
Stresses beyond those listed as absolute maximum ratings may cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions
beyond those listed under Section 5.4, Recommended Operating Conditions, is not implied. Exposure to
absolute maximum rated conditions for extended periods may affect device reliability.
Table 5-1. Absolute Maximum Rating Over Junction Temperature Range
PARAMETER(1)
MIN
MAX
UNIT
VSUPPLY (Steady-State)
Supply Voltage Ranges (Steady-
State)
Core (vdd, vdd_mpu, vdd_gpu,
vdd_dspeve, vdd_iva, vdd_rtc)
–0.3
1.5
V
Analog (vdda_usb1, vdda_usb2,
vdda_abe_per, vdda_ddr,
vdda_debug, vdda_dsp_eve,
vdda_gmac_core, vdda_gpu,
vdda_hdmi, vdda_iva, vdda_pcie,
vdda_pcie0, vdda_pcie1,
vdda_sata, vdda_usb3, vdda_video,
vdda_mpu, vdda_osc, vdda_rtc)
–0.3
2.0
Analog 3.3V (vdda33v_usb1,
vdda33v_usb2)
-0.3
3.8
vdds18v, vdds18v_ddr1,
vdds18v_ddr2, vdds_mlbp,
vdds_ddr1, vdds_ddr2
–0.3
2.1
vddshv1-11 (1.8V mode)
–0.3
2.1
vddshv1-7 (3.3V mode), vddshv9-11
(3.3V mode)
–0.3
3.8
vddshv8 (3.3V mode)
–0.3
3.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com