Electronic Components Datasheet Search
  English  ▼

X  

AM5728 Datasheet(PDF) 159 Page - Texas Instruments

Click here to check the latest version.
Part # AM5728
Description  Sitara Processors Silicon Revision 2.0
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5728 Datasheet(HTML) 159 Page - Texas Instruments

Back Button AM5728 Datasheet HTML 155Page - Texas Instruments AM5728 Datasheet HTML 156Page - Texas Instruments AM5728 Datasheet HTML 157Page - Texas Instruments AM5728 Datasheet HTML 158Page - Texas Instruments AM5728 Datasheet HTML 159Page - Texas Instruments AM5728 Datasheet HTML 160Page - Texas Instruments AM5728 Datasheet HTML 161Page - Texas Instruments AM5728 Datasheet HTML 162Page - Texas Instruments AM5728 Datasheet HTML 163Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 415 page
background image
159
AM5729, AM5728, AM5726
www.ti.com
SPRS953F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: AM5729 AM5728 AM5726
Specifications
Copyright © 2015–2019, Texas Instruments Incorporated
(1) JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2) JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
5.3
Power on Hours (POH) Limits
The information in the section below is provided solely for your convenience and does not extend or
modify the warranty provided under TI’s standard terms and conditions for TI semiconductor products.
NOTE
POH is a function of voltage, temperature and time. Usage at higher voltages and
temperatures will result in a reduction in POH.
Table 5-3. Power on Hour (POH) Limits(1)
OPERATING CONDITION
COMMERCIAL JUNCTION
TEMP RANGE 0°C ~ 90°C
EXTENDED JUNCTION TEMP RANGE -40°C ~ 105°C
OPP
HDMI
JUNCTION
TEMP (Tj)
LIFETIME
(POH)
JUNCTION
TEMP (Tj)
LIFETIME
(POH)
JUNCTION
TEMP (Tj)
LIFETIME
(POH)
OPP_NOM or
OPP_OD
Not Used
90°C
100k
100°C
100k
105°C
100k(3)
Used
90°C
100k
100°C
63k
105°C
45k
OPP_HIGH
Not Used
90°C
65k
100°C
55k
105°C
50k
Used
90°C
65k
100°C
55k
105°C
45k
(1) Unless specified in Table 5-3, all voltage domains and operating conditions are supported in the device at the noted temperatures.
(2) Power on hours (POH) assume HDMI is used at the maximum supported bit rate continuously and/or operating the device continuously
at the VD_MPU operating point (OPP) noted.
(3) 90k POH only if SuperSpeed USB 3.0 Dual-Role-Device (at 5 Gbps) or PCIe in Gen-II mode (at 5 Gbps) are used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com