Electronic Components Datasheet Search
  English  ▼

X  

AM5728 Datasheet(PDF) 163 Page - Texas Instruments

Click here to check the latest version.
Part # AM5728
Description  Sitara Processors Silicon Revision 2.0
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5728 Datasheet(HTML) 163 Page - Texas Instruments

Back Button AM5728 Datasheet HTML 159Page - Texas Instruments AM5728 Datasheet HTML 160Page - Texas Instruments AM5728 Datasheet HTML 161Page - Texas Instruments AM5728 Datasheet HTML 162Page - Texas Instruments AM5728 Datasheet HTML 163Page - Texas Instruments AM5728 Datasheet HTML 164Page - Texas Instruments AM5728 Datasheet HTML 165Page - Texas Instruments AM5728 Datasheet HTML 166Page - Texas Instruments AM5728 Datasheet HTML 167Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 415 page
background image
163
AM5729, AM5728, AM5726
www.ti.com
SPRS953F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: AM5729 AM5728 AM5726
Specifications
Copyright © 2015–2019, Texas Instruments Incorporated
Table 5-4. Recommended Operating Conditions (continued)
PARAMETER
DESCRIPTION
MIN (2)
NOM
MAX DC (3)
MAX (2)
UNIT
vddshv8
Dual Voltage (1.8V or
3.3V) power supply for
the MMC1 Power Group
pins
1.8-V Mode
1.71
1.80
1.836
1.89
V
3.3-V Mode
3.135
3.30
3.366
3.465
Maximum noise (peak-
peak)
1.8-V Mode
50
mVPPmax
3.3-V Mode
vddshv9
Dual Voltage (1.8V or
3.3V) power supply for
the RGMII Power Group
pins
1.8-V Mode
1.71
1.80
1.836
1.89
V
3.3-V Mode
3.135
3.30
3.366
3.465
Maximum noise (peak-
peak)
1.8-V Mode
50
mVPPmax
3.3-V Mode
vss
Ground supply
0
V
vssa_hdmi
DPLL_HDMI and HDMI PHY analog
ground
0
V
vssa_pcie
PCIe analog ground
0
V
vssa_usb
HS USB1 and HS USB2 analog
ground
0
V
vssa_usb3
DPLL_USB and USB3.0 RX/TX
analog ground
0
V
vssa_video
DPLL_VIDEO1 and DPLL_VIDEO2
analog ground
0
V
vssa_osc0
OSC0 analog ground
0
V
vssa_osc1
OSC1 analog ground
0
V
TJ
Operating junction
temperature range
Commercial
0
90
°C
Extended
-40
105
ddr1_vref0
Reference Power Supply EMIF1
0.5*vdds_ddr1
V
ddr2_vref0
Reference Power Supply EMIF2
0.5*vdds_ddr2
V
(1) Refer to Section 5.3, Power on Hour (POH) Limits for limitations.
(2) The voltage at the device ball should never be below the MIN voltage or above the MAX voltage for any amount of time. This
requirement includes dynamic voltage events such as AC ripple, voltage transients, voltage dips, etc.
(3) The DC voltage at the device ball should never be above the MAX DC voltage to avoid impact on device reliability and lifetime POH
(Power on Hour). The MAX DC voltage is defined as the highest allowed DC regulated voltage, without transients, seen at the ball.
5.5
Operating Performance Points
This section describes the operating conditions of the AM572x device. This section also contains the
description of each OPP (operating performance point) for processor clocks and device core clocks.
Table 5-5 describes the maximum supported frequency per speed grade for AM572x devices.
Table 5-5. Speed Grade Maximum Frequency
DEVICE SPEED
MAXIMUM FREQUENCY (MHz)
MPU
DSP
EVE
IVA
GPU
IPU
L3
DDR3/DDR3L
AM5729
1500
750
650
532
532
212.8
266
533 (DDR3-1066)
AM5728
1500
750
N/A
532
532
212.8
266
533 (DDR3-1066)
AM5726
1500
750
N/A
N/A
N/A
212.8
266
533 (DDR3-1066)
(1) N/A in this table stands for Not Applicable
5.5.1
AVS and ABB Requirements
Adaptive Voltage Scaling (AVS) and Adaptive Body Biasing (ABB) are required on most of the vdd_*
supplies as defined in Table 5-6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com