Electronic Components Datasheet Search
  English  ▼

X  

AM5728 Datasheet(PDF) 206 Page - Texas Instruments

Click here to check the latest version.
Part # AM5728
Description  Sitara Processors Silicon Revision 2.0
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5728 Datasheet(HTML) 206 Page - Texas Instruments

Back Button AM5728 Datasheet HTML 202Page - Texas Instruments AM5728 Datasheet HTML 203Page - Texas Instruments AM5728 Datasheet HTML 204Page - Texas Instruments AM5728 Datasheet HTML 205Page - Texas Instruments AM5728 Datasheet HTML 206Page - Texas Instruments AM5728 Datasheet HTML 207Page - Texas Instruments AM5728 Datasheet HTML 208Page - Texas Instruments AM5728 Datasheet HTML 209Page - Texas Instruments AM5728 Datasheet HTML 210Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 415 page
background image
rtc_osc_xi_clkin32
CK0
CK1
CK1
Device
rtc_osc_xo
rtc_osc_xi_clkin32
NC
SPRS85v_CLK_11
206
AM5729, AM5728, AM5726
SPRS953F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM5729 AM5728 AM5726
Clock Specifications
Copyright © 2015–2019, Texas Instruments Incorporated
6.1.4.2
RTC Oscillator Input Clock
A 1.8-V LVCMOS-Compatible Clock Input can be used instead of the internal oscillator to provide the
FUNC_32K_CLK clock input to the system. The external connections to support this are shown in
Figure 6-12. The rtc_osc_xi_clkin32 pin is connected to the 1.8-V LVCMOS-Compatible clock sources.
The rtc_osc_xo pin is left unconnected.
Figure 6-12. LVCMOS-Compatible Clock Input
Table 6-11 summarizes the RTC Oscillator input clock electrical characteristics.
Table 6-11. RTC Oscillator Input Clock Electrical Characteristics—Bypass Mode
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
CK0
1/tc(rtc_osc_xi_clkin32) Frequency, rtc_osc_xi_clkin32
32.768
kHz
CK1
tw(rtc_osc_xi_clkin32)
Pulse duration, rtc_osc_xi_clkin32 low or
high
0.45 *
tc(rtc_osc_xi_clkin32)
0.55 *
tc(rtc_osc_xi_clkin32)
ns
CIN
Input capacitance
2.178
2.378
2.578
pF
IIN
Input current (3.3V mode)
4
6
10
µA
tsX
Start-up time
See (1)
ms
(1) Before the processor boots up and the oscillator is set to bypass mode, there is a waiting time when the internal oscillator is
inapplication mode and receives a wave. The switching time in this case is about 100 μs.
Figure 6-13. rtc_osc_xi_clkin32 Input Clock
6.2
RC On-die Oscillator Clock
NOTE
The OSC_32K_CLK clock, provided by the On-die 32K RC oscillator, inside of the SoC, is
not accurate 32kHz clock.
The frequency may significantly vary with temperature and silicon characteristics.
For more information about OSC_32K_CLK see the Device TRM, Chapter: Power, Reset, and Clock
Management.
6.3
DPLLs, DLLs Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com