Electronic Components Datasheet Search
  English  ▼

X  

AM5728 Datasheet(PDF) 208 Page - Texas Instruments

Click here to check the latest version.
Part # AM5728
Description  Sitara Processors Silicon Revision 2.0
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5728 Datasheet(HTML) 208 Page - Texas Instruments

Back Button AM5728 Datasheet HTML 204Page - Texas Instruments AM5728 Datasheet HTML 205Page - Texas Instruments AM5728 Datasheet HTML 206Page - Texas Instruments AM5728 Datasheet HTML 207Page - Texas Instruments AM5728 Datasheet HTML 208Page - Texas Instruments AM5728 Datasheet HTML 209Page - Texas Instruments AM5728 Datasheet HTML 210Page - Texas Instruments AM5728 Datasheet HTML 211Page - Texas Instruments AM5728 Datasheet HTML 212Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 415 page
background image
208
AM5729, AM5728, AM5726
SPRS953F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM5729 AM5728 AM5726
Clock Specifications
Copyright © 2015–2019, Texas Instruments Incorporated
NOTE
For more information for not controlled from PRCM DPLL’s see the related chapters in TRM.
6.3.1
DPLL Characteristics
The DPLL has three relevant input clocks. One of them is the reference clock (CLKINP) used to generated
the synthesized clock but can also be used as the bypass clock whenever the DPLL enters a bypass
mode. It is therefore mandatory. The second one is a fast bypass clock (CLKINPULOW) used when
selected as the bypass clock and is optional. The third clock (CLKINPHIF) is explained in the next
paragraph.
The DPLL has three output clocks (namely CLKOUT, CLKOUTX2, and CLKOUTHIF). CLKOUT and
CLKOUTX2 run at the bypass frequency whenever the DPLL enters a bypass mode. Both of them are
generated from the lock frequency divided by a post-divider (namely M2 post-divider). The third clock,
CLKOUTHIF, has no automatic bypass capability. It is an output of a post-divider (M3 post-divider) with
the input clock selectable between the internal lock clock (Fdpll) and CLKINPHIF input of the PLL through
an asynchronous multplexing.
For more information, see the Power, Reset, and Clock Management chapter of the Device TRM.
Table 6-12 summarizes DPLL type described in Section 6.3, DPLLs, DLLs Specifications introduction.
Table 6-12. DPLL Control Type
DPLL NAME
TYPE
CONTROLLED BY PRCM
DPLL_ABE
Table 6-13 (Type A)
Yes(1)
DPLL_CORE
Table 6-13 (Type A)
Yes(1)
DPLL_DEBUGSS
Table 6-13 (Type A)
No(2)
DPLL_DSP
Table 6-13 (Type A)
Yes(1)
DPLL_GMAC
Table 6-13 (Type A)
Yes(1)
DPLL_HDMI
Table 6-14 (Type B)
No(2)
DPLL_IVA
Table 6-13 (Type A)
Yes(1)
DPLL_MPU
Table 6-13 (Type A)
Yes(1)
DPLL_PER
Table 6-13 (Type A)
Yes(1)
APLL_PCIE
Table 6-13 (Type A)
Yes(1)
DPLL_PCIE_REF
Table 6-14 (Type B)
Yes(1)
DPLL_SATA
Table 6-14 (Type B)
No(2)
DPLL_USB
Table 6-14 (Type B)
Yes(1)
DPLL_USB_OTG_SS
Table 6-14 (Type B)
No(2)
DPLL_VIDEO1
Table 6-13 (Type A)
No(2)
DPLL_VIDEO2
Table 6-13 (Type A)
No(2)
DPLL_DDR
Table 6-13 (Type A)
Yes(1)
DPLL_GPU
Table 6-13 (Type A)
Yes(1)
(1) DPLL is in the always-on domain.
(2) DPLL is not controlled by the PRCM.
Table 6-13 and Table 6-14 summarize the DPLL characteristics and assume testing over recommended
operating conditions.
Table 6-13. DPLL Type A Characteristics
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
COMMENTS
finput
CLKINP input frequency
0.032
52
MHz
FINP
finternal
Internal reference frequency
0.15
52
MHz
REFCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com