Electronic Components Datasheet Search
  English  ▼

X  

AM5728 Datasheet(PDF) 212 Page - Texas Instruments

Click here to check the latest version.
Part # AM5728
Description  Sitara Processors Silicon Revision 2.0
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5728 Datasheet(HTML) 212 Page - Texas Instruments

Back Button AM5728 Datasheet HTML 208Page - Texas Instruments AM5728 Datasheet HTML 209Page - Texas Instruments AM5728 Datasheet HTML 210Page - Texas Instruments AM5728 Datasheet HTML 211Page - Texas Instruments AM5728 Datasheet HTML 212Page - Texas Instruments AM5728 Datasheet HTML 213Page - Texas Instruments AM5728 Datasheet HTML 214Page - Texas Instruments AM5728 Datasheet HTML 215Page - Texas Instruments AM5728 Datasheet HTML 216Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 415 page
background image
V
= V MAX (or V
MAX)
ref
IL
OL
V
= V
MIN (or V
MIN)
ref
IH
OH
pm_transvolt_prs403
Vref
pm_io_volt_prs403
Transmission Line
4.0 pF
1.85 pF
Z0 = 50
(see Note)
Ω
Tester Pin Electronics
Data Sheet Timing Reference Point
Output
Under
Test
42 Ω
3.5 nH
Device Pin
(see Note)
pm_tstcirc_prs403
212
AM5729, AM5728, AM5726
SPRS953F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM5729 AM5728 AM5726
Timing Requirements and Switching Characteristics
Copyright © 2015–2019, Texas Instruments Incorporated
Table 7-1. Timing Parameters (continued)
SUBSCRIPTS
SYMBOL
PARAMETER
AE
Active Edge
FE
First Edge
LE
Last Edge
Z
High impedance
7.3.1
Parameter Information
Figure 7-1. Test Load Circuit for AC Timing Measurements
The load capacitance value stated is only for characterization and measurement of AC timing signals.
This load capacitance value does not indicate the maximum load the device is capable of driving.
7.3.1.1
1.8V and 3.3V Signal Transition Levels
All input and output timing parameters are referenced to Vref for both "0" and "1" logic levels. Vref = (VDD
I/O)/2.
Figure 7-2. Input and Output Voltage Reference Levels for AC Timing Measurements
All rise and fall transition timing parameters are referenced to VIL MAX and VIH MIN for input clocks, VOL
MAX and VOH MIN for output clocks.
Figure 7-3. Rise and Fall Transition Time Voltage Reference Levels
7.3.1.2
1.8V and 3.3V Signal Transition Rates
The default SLEWCONTROL settings in each pad configuration register must be used to ensure timings,
unless specific instructions otherwise are given in the individual timing sub-sections of the datasheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com