Electronic Components Datasheet Search
  English  ▼

X  

AM5728 Datasheet(PDF) 280 Page - Texas Instruments

Click here to check the latest version.
Part # AM5728
Description  Sitara Processors Silicon Revision 2.0
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5728 Datasheet(HTML) 280 Page - Texas Instruments

Back Button AM5728 Datasheet HTML 276Page - Texas Instruments AM5728 Datasheet HTML 277Page - Texas Instruments AM5728 Datasheet HTML 278Page - Texas Instruments AM5728 Datasheet HTML 279Page - Texas Instruments AM5728 Datasheet HTML 280Page - Texas Instruments AM5728 Datasheet HTML 281Page - Texas Instruments AM5728 Datasheet HTML 282Page - Texas Instruments AM5728 Datasheet HTML 283Page - Texas Instruments AM5728 Datasheet HTML 284Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 280 / 415 page
background image
spim
_cs(IN)
spi _sclk
m
(IN)
spi _sclk
m
(IN)
spi _
m d
(IN)
spim
_cs(IN)
spi _sclk
m
(IN)
spi _sclk
m
(IN)
spi _
m d
(IN)
Bit n-1
Bit n-2
Bit n-3
Bit n-4
Bit 0
Bit n-1
Bit n-2
Bit n-3
Bit 1
Bit 0
PHA=0
EPOL=1
POL=0
POL=1
POL=0
POL=1
PHA=1
EPOL=1
SS3
SS1
SS3
SS1
SS3
SS1
SS2
SS1
SS8
SS9
SS8
SS9
SS2
SS3
SS2
SS2
SS4
SS5
SS5
SS4
SS4
SS5
SS4
SS5
SPRS906_TIMING_McSPI_04
280
AM5729, AM5728, AM5726
SPRS953F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM5729 AM5728 AM5726
Timing Requirements and Switching Characteristics
Copyright © 2015–2019, Texas Instruments Incorporated
Figure 7-36. McSPI - Slave Mode Receive
In Table 7-45 are presented the specific groupings of signals (IOSET) for use with SPI3 and SPI4.
Table 7-45. McSPI3/4 IOSETs
Signal
IOSET1
IOSET2
IOSET3
IOSET4
IOSET5
IOSET6
BALL
MUX
BALL
MUX
BALL
MUX
BALL
MUX
BALL
MUX
BALL
MUX
SPI3
spi3_sclk
AD9
8
E11
8
V2
7
B12
3
C18
2
AC4
1
spi3_d1
AF9
8
B10
8
Y1
7
A11
3
A21
2
AC7
1
spi3_d0
AE9
8
C11
8
W9
7
B13
3
G16
2
AC6
1
spi3_cs0
AF8
8
D11
8
V9
7
A12
3
D17
2
AC9
1
spi3_cs1
AC3
1
B11
8
AC3
1
E14
3
B11
8
AC3
1
spi3_cs2
-
-
F11
8
-
-
F11
8
F11
8
-
-
spi3_cs3
-
-
A10
8
-
-
A10
8
A10
8
-
-
SPI4
spi4_sclk
N7
8
G1
8
V7
7
AA3
2
AC8
1
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com