Electronic Components Datasheet Search
  English  ▼

X  

AM5728 Datasheet(PDF) 305 Page - Texas Instruments

Click here to check the latest version.
Part # AM5728
Description  Sitara Processors Silicon Revision 2.0
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5728 Datasheet(HTML) 305 Page - Texas Instruments

Back Button AM5728 Datasheet HTML 301Page - Texas Instruments AM5728 Datasheet HTML 302Page - Texas Instruments AM5728 Datasheet HTML 303Page - Texas Instruments AM5728 Datasheet HTML 304Page - Texas Instruments AM5728 Datasheet HTML 305Page - Texas Instruments AM5728 Datasheet HTML 306Page - Texas Instruments AM5728 Datasheet HTML 307Page - Texas Instruments AM5728 Datasheet HTML 308Page - Texas Instruments AM5728 Datasheet HTML 309Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 305 / 415 page
background image
305
AM5729, AM5728, AM5726
www.ti.com
SPRS953F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: AM5729 AM5728 AM5726
Timing Requirements and Switching Characteristics
Copyright © 2015–2019, Texas Instruments Incorporated
7.18 Universal Serial Bus (USB)
SuperSpeed USB DRD Subsystem has two instances in the device providing the following functions:
•
USB1: SuperSpeed (SS) USB 3.0 Dual-Role-Device (DRD) subsystem with integrated SS (USB3.0)
PHY and HS/FS (USB2.0) PHY.
•
USB2: High-Speed (HS) USB 2.0 Dual-Role-Device (DRD) subsystem with integrated HS/FS PHY.
NOTE
For more information, see the SuperSpeed USB DRD section of the Device TRM.
7.18.1 USB1 DRD PHY
The USB1 DRD interface supports the following applications:
•
USB2.0 High-Speed PHY port (1.8 V and 3.3 V): this asynchronous high-speed interface is compliant
with the USB2.0 PHY standard with an internal transceiver (USB2.0 standard v2.0), for a maximum
data rate of 480 Mbps.
•
USB3.0 Super-Speed PHY port (1.8 V): this asynchronous differential super-speed interface is
compliant with the USB3.0 RX/TX PHY standard (USB3.0 standard v1.0) for a maximum data bit rate
of 5Gbps.
7.18.2 USB2 PHY
The USB2 interface supports the following applications:
•
USB2.0 High-Speed PHY port (1.8 V and 3.3 V): this asynchronous high-speed interface is compliant
with the USB2.0 PHY standard with an internal transceiver (USB2.0 standard v2.0), for a maximum
data rate of 480 Mbps.
7.19 Serial Advanced Technology Attachment (SATA)
The SATA RX/TX PHY interface is compliant with the SATA standard v2.6 for a maximum data rate:
•
Gen2i, Gen2m, Gen2x: 3Gbps.
•
Gen1i, Gen1m, Gen1x: 1.5Gbps.
NOTE
For more information, see the SATA Controller section of the Device TRM.
7.20 Peripheral Component Interconnect Express (PCIe)
The device supports connections to PCIe-compliant devices via the integrated PCIe master/slave bus
interface. The PCIe module is comprised of a dual-mode PCIe core and a SerDes PHY. Each PCIe
subsystem controller has support for PCIe Gen-II mode (5 Gbps per lane) and Gen-I mode (2.5 Gbps per
lane) (Single Lane and Flexible dual lane configuration).
The device PCIe supports the following features:
•
16-bit operation @250 MHz on PIPE interface (per 16-bit lane)
•
Supports 2 ports x 1 lane or 1 port x 2 lanes configuration
•
Single virtual channel (VC0), single traffic class (TC0)
•
Single function in end-point mode
•
Automatic width and speed negotiation
•
Max payload: 128 byte outbound, 256 byte inbound
•
Automatic credit management



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com