Electronic Components Datasheet Search
  English  ▼

X  

AM5728 Datasheet(PDF) 309 Page - Texas Instruments

Click here to check the latest version.
Part # AM5728
Description  Sitara Processors Silicon Revision 2.0
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5728 Datasheet(HTML) 309 Page - Texas Instruments

Back Button AM5728 Datasheet HTML 305Page - Texas Instruments AM5728 Datasheet HTML 306Page - Texas Instruments AM5728 Datasheet HTML 307Page - Texas Instruments AM5728 Datasheet HTML 308Page - Texas Instruments AM5728 Datasheet HTML 309Page - Texas Instruments AM5728 Datasheet HTML 310Page - Texas Instruments AM5728 Datasheet HTML 311Page - Texas Instruments AM5728 Datasheet HTML 312Page - Texas Instruments AM5728 Datasheet HTML 313Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 309 / 415 page
background image
1
mii _txclk
n
(input)
miin_txd3
miin_txen, miin_txer
−
,
(outputs)
miin_txd0
mii _rxclk
n
(Input)
1
2
mii _rxd3
n
mii _rxdv miin_rxer
−
,
(Inputs)
mii _rxd0,
n
n
SPRS8xx_GMAC_MIIRCV_03
309
AM5729, AM5728, AM5726
www.ti.com
SPRS953F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: AM5729 AM5728 AM5726
Timing Requirements and Switching Characteristics
Copyright © 2015–2019, Texas Instruments Incorporated
Figure 7-53. GMAC Receive Interface Timing MIIn operation
Table 7-71 and Figure 7-54 present timing requirements for GMAC MIIn Transmit 10/100Mbit/s.
Table 7-71. Switching Characteristics Over Recommended Operating Conditions for GMAC MIIn Transmit
10/100 Mbits/s
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
1
td(TX_CLK-TXD)
Delay time, miin_txclk to transmit selected signals valid
0
25
ns
td(TX_CLK-TX_EN)
td(TX_CLK-TX_ER)
Figure 7-54. GMAC Transmit Interface Timing MIIn operation
In Table 7-72 are presented the specific groupings of signals (IOSET) for use with GMAC MII signals.
Table 7-72. GMAC MII IOSETs
SIGNALS
IOSET5
IOSET6
BALL
MUX
BALL
MUX
GMAC MII1
mii1_txd3
C5
8
mii1_txd2
D6
8
mii1_txd1
B2
8
mii1_txd0
C4
8
mii1_rxd3
F5
8
mii1_rxd2
E4
8
mii1_rxd1
C1
8
mii1_rxd0
E6
8
mii1_col
B4
8
mii1_rxer
B3
8
mii1_txer
A3
8
mii1_txen
A4
8
mii1_crs
B5
8
mii1_rxclk
D5
8
mii1_txclk
C3
8
mii1_rxdv
C2
8
GMAC MII0
mii0_txd3
V5
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com