Electronic Components Datasheet Search
  English  ▼

X  

AM5728 Datasheet(PDF) 311 Page - Texas Instruments

Click here to check the latest version.
Part # AM5728
Description  Sitara Processors Silicon Revision 2.0
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5728 Datasheet(HTML) 311 Page - Texas Instruments

Back Button AM5728 Datasheet HTML 307Page - Texas Instruments AM5728 Datasheet HTML 308Page - Texas Instruments AM5728 Datasheet HTML 309Page - Texas Instruments AM5728 Datasheet HTML 310Page - Texas Instruments AM5728 Datasheet HTML 311Page - Texas Instruments AM5728 Datasheet HTML 312Page - Texas Instruments AM5728 Datasheet HTML 313Page - Texas Instruments AM5728 Datasheet HTML 314Page - Texas Instruments AM5728 Datasheet HTML 315Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 311 / 415 page
background image
1
MDIO4
MDIO5
MDIO7
MDIO2
MDIO3
MDIO6
MDIO6
MDCLK
MDIO
(input)
MDIO
(output)
311
AM5729, AM5728, AM5726
www.ti.com
SPRS953F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: AM5729 AM5728 AM5726
Timing Requirements and Switching Characteristics
Copyright © 2015–2019, Texas Instruments Incorporated
Figure 7-55. GMAC MDIO diagrams
In Table 7-75 are presented the specific groupings of signals (IOSET) for use with GMAC MDIO signals.
Table 7-75. GMAC MDIO IOSETs
SIGNALS
IOSET7
IOSET8
IOSET9
IOSET10
BALL
MUX
BALL
MUX
BALL
MUX
BALL
MUX
mdio_d
F6
3
U4
0
AB4
1
B20
5
mdio_mclk
D3
3
V1
0
AC5
1
B21
5
7.22.3 GMAC RMII Timings
The main reference clock REF_CLK (RMII_50MHZ_CLK) of RMII interface is internally supplied from
PRCM. The source of this clock could be either externally sourced from the RMII_MHZ_50_CLK pin of the
device or internally generated from DPLL_GMAC output clock GMAC_RMII_HS_CLK. See the PRCM
chapter of the device TRM for full details about RMII reference clock.
CAUTION
The IO Timings provided in this section are only valid for some GMAC usage
modes when the corresponding Virtual IO Timings or Manual IO Timings are
configured as described in the tables found in this section.
Table 7-76, Table 7-77 and Figure 7-56 present timing requirements for GMAC RMIIn Receive.
Table 7-76. Timing Requirements for GMAC REF_CLK - RMII Operation
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
RMII1
tc(REF_CLK)
Cycle time, REF_CLK
20
ns
RMII2
tw(REF_CLKH)
Pulse duration, REF_CLK high
7
13
ns
RMII3
tw(REF_CLKL)
Pulse duration, REF_CLK low
7
13
ns
RMII4
ttt(REF_CLK)
Transistion time, REF_CLK
3
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com