Electronic Components Datasheet Search
  English  ▼

X  

AM5728 Datasheet(PDF) 310 Page - Texas Instruments

Click here to check the latest version.
Part # AM5728
Description  Sitara Processors Silicon Revision 2.0
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5728 Datasheet(HTML) 310 Page - Texas Instruments

Back Button AM5728 Datasheet HTML 306Page - Texas Instruments AM5728 Datasheet HTML 307Page - Texas Instruments AM5728 Datasheet HTML 308Page - Texas Instruments AM5728 Datasheet HTML 309Page - Texas Instruments AM5728 Datasheet HTML 310Page - Texas Instruments AM5728 Datasheet HTML 311Page - Texas Instruments AM5728 Datasheet HTML 312Page - Texas Instruments AM5728 Datasheet HTML 313Page - Texas Instruments AM5728 Datasheet HTML 314Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 310 / 415 page
background image
310
AM5729, AM5728, AM5726
SPRS953F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM5729 AM5728 AM5726
Timing Requirements and Switching Characteristics
Copyright © 2015–2019, Texas Instruments Incorporated
Table 7-72. GMAC MII IOSETs (continued)
SIGNALS
IOSET5
IOSET6
BALL
MUX
BALL
MUX
mii0_txd2
V4
3
mii0_txd1
Y2
3
mii0_txd0
W2
3
mii0_rxd3
W9
3
mii0_rxd2
V9
3
mii0_rxd1
V6
3
mii0_rxd0
U6
3
mii0_txclk
U5
3
mii0_txer
U4
3
mii0_rxer
U7
3
mii0_rxdv
V2
3
mii0_crs
V7
3
mii0_col
V1
3
mii0_rxclk
Y1
3
mii0_txen
V3
3
7.22.2 GMAC MDIO Interface Timings
CAUTION
The IO Timings provided in this section are only valid for some GMAC usage
modes when the corresponding Virtual IO Timings or Manual IO Timings are
configured as described in the tables found in this section.
Table 7-73, Table 7-73 and Figure 7-55 present timing requirements for MDIO.
Table 7-73. Timing Requirements for MDIO Input
No
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
MDIO1
tc(MDC)
Cycle time, MDC
400
ns
MDIO2
tw(MDCH)
Pulse Duration, MDC High
160
ns
MDIO3
tw(MDCL)
Pulse Duration, MDC Low
160
ns
MDIO4
tsu(MDIO-MDC)
Setup time, MDIO valid before MDC High
90
ns
MDIO5
th(MDIO_MDC)
Hold time, MDIO valid from MDC High
0
ns
Table 7-74. Switching Characteristics Over Recommended Operating Conditions for MDIO Output
NO
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
MDIO6
tt(MDC)
Transition time, MDC
5
ns
MDIO7
td(MDC-MDIO)
Delay time, MDC low to MDIO valid
-150
150
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com