Electronic Components Datasheet Search
  English  ▼

X  

AM5728 Datasheet(PDF) 312 Page - Texas Instruments

Click here to check the latest version.
Part # AM5728
Description  Sitara Processors Silicon Revision 2.0
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5728 Datasheet(HTML) 312 Page - Texas Instruments

Back Button AM5728 Datasheet HTML 308Page - Texas Instruments AM5728 Datasheet HTML 309Page - Texas Instruments AM5728 Datasheet HTML 310Page - Texas Instruments AM5728 Datasheet HTML 311Page - Texas Instruments AM5728 Datasheet HTML 312Page - Texas Instruments AM5728 Datasheet HTML 313Page - Texas Instruments AM5728 Datasheet HTML 314Page - Texas Instruments AM5728 Datasheet HTML 315Page - Texas Instruments AM5728 Datasheet HTML 316Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 312 / 415 page
background image
REF_CLK (PRCM)
rmiin_txd1−rmiin_txd0,
rmiin_txen (Outputs)
SPRS8xx_GMAC_RMIITX_06
RMII7
RMII8
RMII9
RMII11
RMII10
REF_CLK (PRCM)
RMII5
RMII6
rmiin_rxd1−
rmin_rxer
rmiin_rxd0,
rmiin_crs,
(inputs)
SPRS8xx_GMAC_RMIIRX_05
RMII1
RMII3
RMII2
RMII4
312
AM5729, AM5728, AM5726
SPRS953F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM5729 AM5728 AM5726
Timing Requirements and Switching Characteristics
Copyright © 2015–2019, Texas Instruments Incorporated
Table 7-77. Timing Requirements for GMAC RMIIn Receive
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
RMII5
tsu(RXD-REF_CLK)
Setup time, receive selected signals valid before REF_CLK
4
ns
tsu(CRS_DV-REF_CLK)
tsu(RX_ER-REF_CLK)
RMII6
th(REF_CLK-RXD)
Hold time, receive selected signals valid after REF_CLK
2
ns
th(REF_CLK-CRS_DV)
th(REF_CLK-RX_ER)
Figure 7-56. GMAC Receive Interface Timing RMIIn operation
Table 7-78, Table 7-78 and Figure 7-57 present switching characteristics for GMAC RMIIn Transmit
10/100Mbit/s.
Table 7-78. Switching Characteristics Over Recommended Operating Conditions for GMAC REF_CLK -
RMII Operation
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
RMII7
tc(REF_CLK)
Cycle time, REF_CLK
20
ns
RMII8
tw(REF_CLKH)
Pulse duration, REF_CLK high
7
13
ns
RMII9
tw(REF_CLKL)
Pulse duration, REF_CLK low
7
13
ns
RMII10
tt(REF_CLK)
Transistion time, REF_CLK
3
ns
Table 7-79. Switching Characteristics Over Recommended Operating Conditions for GMAC RMIIn
Transmit 10/100 Mbits/s
NO.
PARAMETER
DESCRIPTION
RMIIn
MIN
MAX
UNIT
RMII11
td(REF_CLK-TXD)
Delay time, REF_CLK high to selected transmit signals
valid
RMII0
2
13.5
ns
tdd(REF_CLK-TXEN)
td(REF_CLK-TXD)
RMII1
2
13.8
ns
tdd(REF_CLK-TXEN)
Figure 7-57. GMAC Transmit Interface Timing RMIIn Operation
In Table 7-80 are presented the specific groupings of signals (IOSET) for use with GMAC RMII signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com