Electronic Components Datasheet Search
  English  ▼

X  

AM5728 Datasheet(PDF) 332 Page - Texas Instruments

Click here to check the latest version.
Part # AM5728
Description  Sitara Processors Silicon Revision 2.0
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5728 Datasheet(HTML) 332 Page - Texas Instruments

Back Button AM5728 Datasheet HTML 328Page - Texas Instruments AM5728 Datasheet HTML 329Page - Texas Instruments AM5728 Datasheet HTML 330Page - Texas Instruments AM5728 Datasheet HTML 331Page - Texas Instruments AM5728 Datasheet HTML 332Page - Texas Instruments AM5728 Datasheet HTML 333Page - Texas Instruments AM5728 Datasheet HTML 334Page - Texas Instruments AM5728 Datasheet HTML 335Page - Texas Instruments AM5728 Datasheet HTML 336Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 332 / 415 page
background image
mmc _clk
2
mmc _cmd
2
mmc _dat
2
[7:0]
DDR7
DDR8
DDR7
DDR8
DDR7
DDR8
DDR7
vayu_mmc2_07
DDR8
DDR2H
DDR1
DDR2L
DDR3
DDR4
332
AM5729, AM5728, AM5726
SPRS953F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM5729 AM5728 AM5726
Timing Requirements and Switching Characteristics
Copyright © 2015–2019, Texas Instruments Incorporated
(1) P = output mmc2_clk period in ns
Table 7-112 and Table 7-113 present Timing requirements and Switching characteristics for MMC2 - High
speed DDR in receiver and transmitter mode During Boot (see Figure 7-79 and Figure 7-80).
Table 7-112. Timing Requirements for MMC2 - JC64 High Speed DDR Mode During Boot
NO.
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
DDR3
tsu(cmdV-clk)
Setup time, mmc2_cmd valid before mmc2_clk transition
Boot
(1.8V)
1.8
ns
Boot
(3.3V)
1.8
ns
DDR4
th(clk-cmdV)
Hold time, mmc2_cmd valid after mmc2_clk transition
Boot
(1.8V)
1.8 (1)
ns
Boot
(3.3V)
1.8 (1)
ns
DDR7
tsu(dV-clk)
Setup time, mmc2_dat[7:0] valid before mmc2_clk transition
Boot
(1.8V)
1.8
ns
Boot
(3.3V)
1.8
ns
DDR8
th(clk-dV)
Hold time, mmc2_dat[7:0] valid after mmc2_clk transition
Boot
(1.8V)
1.8 (1)
ns
Boot
(3.3V)
1.8 (1)
ns
(1) This Hold time requirement is larger than the Hold time provided by a typical eMMC component. Therefore, the trace length between the
Device and eMMC component must be sufficiently long enough to ensure that the Hold time is met at the Device.
Table 7-113. Switching Characteristics for MMC2 - JC64 High Speed DDR Mode During Boot
NO.
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
DDR1
fop(clk)
Operating frequency, mmc2_clk
48
MHz
DDR2
H
tw(clkH)
Pulse duration, mmc2_clk high
0.5*P-0.172 (1)
ns
DDR2
L
tw(clkL)
Pulse duration, mmc2_clk low
0.5*P-0.172 (1)
ns
DDR5
td(clk-cmdV)
Delay time, mmc2_clk transition to mmc2_cmd
transition
Boot (1.8V)
2.9
7.14
ns
Boot (3.3V)
2.9
7.14
ns
DDR6
td(clk-dV)
Delay time, mmc2_clk transition to mmc2_dat[7:0]
transition
Boot (1.8V)
2.9
7.14
ns
Boot (3.3V)
2.9
7.14
ns
(1) P = output mmc2_clk period in ns
Figure 7-79. MMC/SD/SDIO in - High Speed DDR JC64 - Receiver Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com